Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4080 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN4080
Description  This application note is intended for system designers
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4080 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN4080 Datasheet HTML 9Page - STMicroelectronics AN4080 Datasheet HTML 10Page - STMicroelectronics AN4080 Datasheet HTML 11Page - STMicroelectronics AN4080 Datasheet HTML 12Page - STMicroelectronics AN4080 Datasheet HTML 13Page - STMicroelectronics AN4080 Datasheet HTML 14Page - STMicroelectronics AN4080 Datasheet HTML 15Page - STMicroelectronics AN4080 Datasheet HTML 16Page - STMicroelectronics AN4080 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
DocID023035 Rev 4
13/35
AN4080
Power supplies and reset sources of the STM32F0xx family
34
Low-power mode security reset
To prevent that critical applications mistakenly enter a low-power mode, two low-power
mode security resets are available. If enabled in Option bytes, the resets are generated in
the following conditions:
1.
Entering Standby mode: this type of reset is enabled by resetting nRST_STDBY bit in
User Option Bytes. In this case, whenever a Standby mode entry sequence is
successfully executed, the device is reset instead of entering Standby mode.
2.
Entering Stop mode: this type of reset is enabled by resetting nRST_STOP bit in User
Option Bytes. In this case, whenever a Stop mode entry sequence is successfully
executed, the device is reset instead of entering Stop mode.
Caution:
In the STM32F0x8 devices, the voltage regulator is bypassed, therefore the standby mode
is not available.
Option byte loader reset
The option byte loader reset is generated when OBL_LAUNCH (bit 13) is set in the
FLASH_CR register. This bit launches the option byte loading by software.
Power reset
A power reset sets all registers to their reset values, except the RTC domain.
In the STM32F0x1/x2 devices, the power reset is generated when one of the following
events occurs.
1.
Power-on/power-down reset (POR/PDR reset)
2.
Exiting Standby mode
For the STM32F0x8 devices, the Power-on reset must be provided externally. It is
generated while the NPOR pin is low. For more information concerning NPOR, see
Section 1.2.2: External power-on reset and power-down reset (NPOR) of the STM32F0x8
devices.
RTC domain reset
The RTC domain reset only affects the RTC, LSE, LSI and the backup registers. It is
generated when one of the following events occurs.
1.
Software reset, triggered by setting the BDRST bit in the RTC domain control register
(RCC_BDCR).
2.
POR reset if VBAT has been disconnected when VDD was low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com