Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4080 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN4080
Description  This application note is intended for system designers
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4080 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN4080 Datasheet HTML 14Page - STMicroelectronics AN4080 Datasheet HTML 15Page - STMicroelectronics AN4080 Datasheet HTML 16Page - STMicroelectronics AN4080 Datasheet HTML 17Page - STMicroelectronics AN4080 Datasheet HTML 18Page - STMicroelectronics AN4080 Datasheet HTML 19Page - STMicroelectronics AN4080 Datasheet HTML 20Page - STMicroelectronics AN4080 Datasheet HTML 21Page - STMicroelectronics AN4080 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
Clocks
AN4080
18/35
DocID023035 Rev 4
2.2
LSE clock
The LSE crystal is a 32.768 kHz Low Speed External crystal or ceramic resonator. It has the
advantage of providing a low-power but highly accurate clock source to the real-time clock
peripheral (RTC) for clock/calendar or other timing functions.
The LSE crystal is switched on and off using the LSEON bit in RTC domain control register
(RCC_BDCR). The crystal oscillator driving strength can be changed at runtime using the
LSEDRV[1:0] bits in the RTC domain control register (RCC_BDCR) to obtain the best
compromise between robustness and short start-up time on one side and low power-
consumption on the other.
The LSERDY flag in the RTC domain control register (RCC_BDCR) indicates whether the
LSE crystal is stable or not. At startup, the LSE crystal output clock signal is not released
until this bit is set by hardware. An interrupt can be generated if enabled in the Clock
interrupt register (RCC_CIR).
External source (LSE bypass)
In this mode, an external clock source must be provided. It can have a frequency of up to
1 MHz. You select this mode by setting the LSEBYP and LSEON bits in the RTC domain
control register (RCC_BDCR). The external clock signal (square, sinus or triangle) has to
drive the OSC32_IN pin while the OSC32_OUT pin can be used as GPIO. See Figure 7.
2.3
HSI 8 MHz clock
The HSI clock signal is generated from an internal 8 MHz RC oscillator and can be used
directly as a system clock or divided by 2 to be used as PLL input. The HSI RC oscillator
has the advantage of providing a clock source at low cost (no external components). It also
has a faster startup time than the HSE crystal oscillator however, even with calibration, the
frequency is less accurate than an external crystal oscillator or ceramic resonator.
Calibration
RC oscillator frequencies can vary from one chip to another due to manufacturing process
variations, This is why each device is factory calibrated by ST for 1% accuracy at TA=25°C.
Furthermore, it is possible to route the HSI clock to the MCO multiplexer. The clock can then
be input to Timer 14 to allow the user to calibrate the oscillator.
2.4
LSI clock
The LSI RC acts as an low-power clock source that can be kept running in Stop and
Standby mode for the independent watchdog (IWDG) and RTC. The clock frequency is
around 40 kHz (between 30 kHz and 60 kHz). For more details, refer to the electrical
characteristics section of the datasheets.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com