Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4080 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN4080
Description  This application note is intended for system designers
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4080 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN4080 Datasheet HTML 8Page - STMicroelectronics AN4080 Datasheet HTML 9Page - STMicroelectronics AN4080 Datasheet HTML 10Page - STMicroelectronics AN4080 Datasheet HTML 11Page - STMicroelectronics AN4080 Datasheet HTML 12Page - STMicroelectronics AN4080 Datasheet HTML 13Page - STMicroelectronics AN4080 Datasheet HTML 14Page - STMicroelectronics AN4080 Datasheet HTML 15Page - STMicroelectronics AN4080 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
Power supplies and reset sources of the STM32F0xx family
AN4080
12/35
DocID023035 Rev 4
1.2.3
System reset
A system reset sets all registers to their reset values, except the reset flags in the clock
controller CSR register and the registers in the RTC domain. A system reset is generated
when one of the following events occurs:
1.
A low level on the NRST pin (external reset).
2.
System window watchdog event (WWDG reset).
3.
Independent watchdog event (IWDG reset).
4.
A software reset (SW reset).
5.
Low-power management reset.
6.
Option byte loader reset.
7.
Power reset
The reset source can be identified by checking the reset flags in the Control/Status register,
RCC_CSR.
The RESET service routine vector is fixed at address 0x0000_0004 in the memory map.
The system reset signal provided to the device is output on the NRST pin. The pulse
generator guarantees a minimum reset pulse duration of 20 μs for each internal reset
source. In the case of an external reset, the reset is generated while the NRST pin is
asserted low.
Figure 5. Simplified diagram of the reset circuit
Software reset
The SYSRESETREQ bit in Cortex-M0 Application Interrupt and Reset Control Register
must be set to force a software reset on the device. Refer to the Cortex®-M0 technical
reference manual for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com