Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4206 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN4206
Description  Getting started with STM32F3 series hardware development
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4206 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN4206 Datasheet HTML 7Page - STMicroelectronics AN4206 Datasheet HTML 8Page - STMicroelectronics AN4206 Datasheet HTML 9Page - STMicroelectronics AN4206 Datasheet HTML 10Page - STMicroelectronics AN4206 Datasheet HTML 11Page - STMicroelectronics AN4206 Datasheet HTML 12Page - STMicroelectronics AN4206 Datasheet HTML 13Page - STMicroelectronics AN4206 Datasheet HTML 14Page - STMicroelectronics AN4206 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
DocID023944 Rev 4
11/34
AN4206
Power supplies
33
Figure 5. Schottky diode connection
1.1.2
Sigma Delta supply voltages (only on F37x)
To improve Sigma delta ADC (SDADC) peripherals performance the device implements two
independent power supplies used to power SDADC peripherals. There are two power
supply pins with common ground pin (VDDSD12, VDDSD3, VSSSD).
Those power supply sources also defines voltage levels on digital GPIO pins which are
sharing SDADC analog inputs for given SDADC peripheral. Refer to device datasheet which
GPIO pins are powered from VDDSD12 and which from VDDSD3.
Sigma delta power supplies must be always less or equal to the analog supply: VDDSDx <
VDDA but they can be lower or higher than VDD.
If no SDADC is used in application then VDDSDx must be connected externally to VDD.
VSSSD must be always connected to VSS.
There are some next important restrictions to VDDSD12 and VDDSD3 with relation to the
reference voltage used for the SDADCs:
If the VREFSD+ pin is selected as the external reference voltage for the SDADCs:
–
If SDADC1 or SDADC2 are enabled in the PWR controller (ENSD1, ENSD2 bits)
then: VDDSD12 > VREFSD+, VDDSD3 > VREFSD+
–
If SDADC1 and SDADC2 are disabled in the PWR controller then: VDDSD3 >
VVREFSD+
If the VDDSDx power supply is selected as the reference voltage for the SDADCs:
–
If SDADC1 or SDADC2 are enabled in PWR controller (ENSD1, ENSD2 bits)
then: VDDSD12 = VDDSD3
If SDADC1 and SDADC2 are disabled and SDADC3 is enabled in the PWR controller
(ENSD1, ENSD2, ENSD3 bits) then: VDDSD12 <= VDDSD3.
1.1.3
Battery backup
To retain the content of the Backup registers when VDD is turned off, the VBAT pin can be
connected to an optional standby voltage supplied by a battery or another source.
The VBAT pin also powers the RTC unit, allowing the RTC to operate even when the main
digital supply (VDD) is turned off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com