Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4206 Datasheet(PDF) 29 Page - STMicroelectronics

Part # AN4206
Description  Getting started with STM32F3 series hardware development
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4206 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button AN4206 Datasheet HTML 25Page - STMicroelectronics AN4206 Datasheet HTML 26Page - STMicroelectronics AN4206 Datasheet HTML 27Page - STMicroelectronics AN4206 Datasheet HTML 28Page - STMicroelectronics AN4206 Datasheet HTML 29Page - STMicroelectronics AN4206 Datasheet HTML 30Page - STMicroelectronics AN4206 Datasheet HTML 31Page - STMicroelectronics AN4206 Datasheet HTML 32Page - STMicroelectronics AN4206 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
DocID023944 Rev 4
29/34
AN4206
Reference design
33
7.2
Component references
Table 5. Mandatory components
Component
Value
Reference
Quantity
Comments
Microcontroller
-
STM32F303VCT/
STM32F358VCT6
STM32F373VCT6/
STM32F378VCT6
1
100-pin package
Capacitor
100 nF
C3/C5/C7/C9
4 for STM32F303
3 for STM32F373
3 for STM32F378
Ceramic capacitors (decoupling
capacitors)
Capacitor
4.7 µF
C1
1
Ceramic capacitor (decoupling capacitor)
Capacitor
1 µF
C2/C11
2
Used for VDDA and VREF+
Capacitor
10 nF
C4/C13
2
Ceramic capacitor (decoupling capacitor)
Capacitor
10 nF
C8/C12/C13
3
Ceramic capacitors for VDDSDx and
VREFSD+ (STM32F373 only)
Capacitor
1 µF
C6/C10/C19
3
Used for VDDSDx and VREFSD+
(STM32F373 only)
Table 6. Optional components
Component
Value
Reference
Quantity
Comments
Resistor
390

R4
1
Used for HSE: the value depends on the crystal
characteristics.
This value is given only as a typical example.
Resistor
0
R6
1
Used for LSE: the value depends on the crystal
characteristics.
This resistor value is given only as a typical
example.
Resistor
10 K
R5/R12/R13/R14
4
Pull up and pull down for JTAG and Boot mode.
Capacitor
100 nF
C16
1
Ceramic capacitors for RESET button.
Capacitor
10 pF
C17/C18
2
Used for LSE: the value depends on the crystal
characteristics.
Capacitor
20 pF
C14/C15
2
Used for HSE: the value depends on the crystal
characteristics.
Quartz
8 MHz
X1
1
Used for HSE
Quartz
32 kHz
X2
1
Used for LSE
Battery
3V3
BT1
1
If no external battery is used in the application, it
is recommended to connect VBAT externally to
VDD
Switch
-
SW1
1
Used to select the correct boot mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com