Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4206 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN4206
Description  Getting started with STM32F3 series hardware development
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4206 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN4206 Datasheet HTML 20Page - STMicroelectronics AN4206 Datasheet HTML 21Page - STMicroelectronics AN4206 Datasheet HTML 22Page - STMicroelectronics AN4206 Datasheet HTML 23Page - STMicroelectronics AN4206 Datasheet HTML 24Page - STMicroelectronics AN4206 Datasheet HTML 25Page - STMicroelectronics AN4206 Datasheet HTML 26Page - STMicroelectronics AN4206 Datasheet HTML 27Page - STMicroelectronics AN4206 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
Recommendations
AN4206
24/34
DocID023944 Rev 4
5
Recommendations
5.1
Printed circuit board
For technical reasons, it is best to use a multilayer printed circuit board (PCB) with a
separate layer dedicated to ground (VSS) and another dedicated to the VDD supply. This
provides good decoupling and a good shielding effect. For many applications, economic
reasons prohibit the use of this type of board. In this case, the major requirement is to
ensure a good structure for ground and for the power supply.
5.2
Component position
A preliminary layout of the PCB must make separate circuits:
High-current circuits
Low-voltage circuits
Digital component circuits
Circuits separated according to their EMI contribution. This will reduce cross-coupling
on the PCB that introduces noise
5.3
Ground and power supply (VSS, VDD, VSSA, VDDA, VSSSD,
VDDSD)
All blocks such as, for example noisy, low-level sensitive and digital should be grounded
individually and all ground returns should be to a single point. Loops must be avoided or
have a minimum area. The power supply should be implemented close to the ground line to
minimize the area of the supply loop. This is due to the fact that the supply loop acts as an
antenna, and is therefore the main transmitter and receiver of EMI. All component-free PCB
areas must be filled with additional grounding to create a kind of shielding (especially when
using single-layer PCBs).
5.4
Decoupling
All power supply and ground pins must be properly connected to the power supplies. These
connections, including pads, tracks and vias should have as low an impedance as possible.
This is typically achieved with thick track widths and, preferably, the use of dedicated power
supply planes in multilayer PCBs.
In addition, each power supply pair should be decoupled with 100 nF filtering ceramic
capacitors and a chemical capacitor of about 4.7 µF connected between the supply pins of
the STM32F3xx device. These capacitors need to be placed as close as possible to, or
below, the appropriate pins on the underside of the PCB. Typical values are 10 nF to 100 nF,
but exact values depend on the application needs. Figure 12 shows the typical layout of
such a VDD/VSS pair.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com