Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4206 Datasheet(PDF) 28 Page - STMicroelectronics

Part # AN4206
Description  Getting started with STM32F3 series hardware development
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4206 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button AN4206 Datasheet HTML 24Page - STMicroelectronics AN4206 Datasheet HTML 25Page - STMicroelectronics AN4206 Datasheet HTML 26Page - STMicroelectronics AN4206 Datasheet HTML 27Page - STMicroelectronics AN4206 Datasheet HTML 28Page - STMicroelectronics AN4206 Datasheet HTML 29Page - STMicroelectronics AN4206 Datasheet HTML 30Page - STMicroelectronics AN4206 Datasheet HTML 31Page - STMicroelectronics AN4206 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
Reference design
AN4206
28/34
DocID023944 Rev 4
7
Reference design
7.1
Description
The reference design shown in Figure 13, is based on the STM32F3xx, a highly integrated
microcontroller running at 72 MHz, that combines the Cortex®-M4 FPU 32-bit RISC CPU
core with embedded Flash and SRAM memories.
This reference design can be tailored to any other STM32F3xx device with a different
package, using the pins correspondence given in the corresponding datasheet.
7.1.1
Clock
Two clock sources are used by the microcontroller:
LSE: X1– 32.768 kHz crystal for the embedded RTC
HSE: X2– 8 MHz crystal for the STM32F3xx microcontroller
Refer to Section 2: Clocks on page 16.
7.1.2
Reset
The reset signal in Figure 13 is active low. The reset sources include:
Reset button (B1)
Debugging tools via the connector CN1.
Refer to Section 1.2: Reset and power supply supervisor on page 13.
7.1.3
Boot mode
The boot option is configured by setting switch SW1 (Boot 0) and option bit nBoot1. Refer to
Section 3: Boot configuration on page 19.
7.1.4
SWJ interface
The reference design shows the connection between the STM32F3xx and a standard JTAG
connector. Refer to Section 4: Debug management on page 20.
Note:
It is recommended to connect the reset pins so as to be able to reset the application from
the development tools.
7.1.5
Power supply
Refer to Section 1: Power supplies on page 6.
7.1.6
Pinouts and pin descriptions
Please refer the corresponding STM32F3xx datasheet available on ww.st.com for the pinout
and pin description.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com