Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4206 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN4206
Description  Getting started with STM32F3 series hardware development
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4206 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN4206 Datasheet HTML 14Page - STMicroelectronics AN4206 Datasheet HTML 15Page - STMicroelectronics AN4206 Datasheet HTML 16Page - STMicroelectronics AN4206 Datasheet HTML 17Page - STMicroelectronics AN4206 Datasheet HTML 18Page - STMicroelectronics AN4206 Datasheet HTML 19Page - STMicroelectronics AN4206 Datasheet HTML 20Page - STMicroelectronics AN4206 Datasheet HTML 21Page - STMicroelectronics AN4206 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
Clocks
AN4206
18/34
DocID023944 Rev 4
Calibration
RC oscillator frequencies can vary from one chip to another due to manufacturing process
variations, This is why each device is factory calibrated by ST for 1% accuracy at TA = 25 °C.
Furthermore, it is possible to route the HSI clock to the MCO multiplexer. The clock can then
be the input to Timer 16 in all STM32F3 series devices (except the STM32F373 line where
the clock is the input to Timer 14) to allow the user to calibrate the oscillator.
2.4
LSI clock
The LSI RC acts as an low-power clock source that can be kept running in Stop and
Standby mode for the independent watchdog (IWDG) and RTC. The clock frequency is
around 40 kHz (between 30 kHz and 60 kHz). For more details, refer to the electrical
characteristics section of the datasheets.
2.5
Clock security system (CSS)
The clock security system can be activated by software. In this case, the clock detector is
enabled after the HSE oscillator startup delay, and disabled when this oscillator is stopped.
If a failure is detected on the HSE oscillator clock, the oscillator is automatically
disabled.
–
A clock failure event is sent to the break inputs of:
- TIM1/8/15/16/17 in the STM32F303xB/C and STM32F358 devices.
- TIM1/8/20/15/16/17 in the STM32F303xD/E and STM32F398 devices.
- TIM1/15/16/17 in the STM32F301/302/303x6/8, STM32F302xB/C/D/E,
STM32F334, STM323F318 and STM32F328 devices.
–
An interrupt is generated to inform the software about the failure (clock security
system interrupt CSSI), allowing the MCU to perform recovery operations.
–
CSSI is linked to the Cortex®-M4 NMI (non-maskable interrupt) exception vector.
If the HSE oscillator is used directly or indirectly as the system clock (indirectly means
that it is used as the PLL input clock, and the PLL clock is used as the system clock), a
detected failure causes a switch of the system clock to the HSI oscillator and the
disabling of the external HSE oscillator. If the HSE oscillator clock (divided or not) is the
clock entry of the PLL that is being used as a system clock when the failure occurs, the
PLL is disabled too.
For details, see the STM32F3 reference manuals (RM0316, RM0313, RM0364, RM0365
and RM0366) available from STMicroelectronics website www.st.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com