Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4206 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN4206
Description  Getting started with STM32F3 series hardware development
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4206 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN4206 Datasheet HTML 15Page - STMicroelectronics AN4206 Datasheet HTML 16Page - STMicroelectronics AN4206 Datasheet HTML 17Page - STMicroelectronics AN4206 Datasheet HTML 18Page - STMicroelectronics AN4206 Datasheet HTML 19Page - STMicroelectronics AN4206 Datasheet HTML 20Page - STMicroelectronics AN4206 Datasheet HTML 21Page - STMicroelectronics AN4206 Datasheet HTML 22Page - STMicroelectronics AN4206 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
DocID023944 Rev 4
19/34
AN4206
Boot configuration
33
3
Boot configuration
In the STM32F3xx, three different boot modes can be selected through the BOOT0 pin and
nBOOT1 option bit, as shown in Table 1.
The values on both BOOT0 pin and nBOOT1 bit are latched on the 4th rising edge of
SYSCLK after a reset. The user must set nBOOT1 and BOOT0 to select the required boot
mode.
The BOOT0 pin and nBOOT1 bit are also re-sampled when exiting from Standby mode.
Consequently they must be kept in the required Boot mode configuration in Standby mode.
After the startup delay has elapsed, the CPU fetches the top-of-stack value from address
0x0000 0000, then starts code execution from the boot memory at 0x0000 0004.
Depending on the selected boot mode, main Flash memory, system memory or SRAM is
accessible as follows:
Boot from main Flash memory: the main Flash memory is aliased in the boot memory
space (0x0000 0000), but is still accessible from its original memory space
(0x0800 0000). In other words, the Flash memory contents can be accessed starting
from address 0x0000 0000 or 0x0800 0000.
Boot from System memory: the system memory is aliased in the boot memory space
(0x0000 0000), but is still accessible from its original memory space (0x1FFF EC00).
Boot from embedded SRAM: the SRAM is aliased in the boot memory space (0x0000
0000), but is still accessible from its original memory space (0x2000 0000).
Note:
In the STM32F3 series devices embedding a CCM RAM is not possible to boot from the
CCM SRAM mapped at 0x1000 0000.
The embedded boot loader is located in the System memory, programmed by ST during
production. It is used to reprogram the Flash memory using one of the following interfaces:
USART1(PA9/PA10), USART2(PD5/PD6) or USB(PA11/PA12) on
STM32F302/303xB/C devices,
USART1(PA9/PA10), USART2(PA2/PA3) or USB(PA11/PA12) on STM32F301/302x6/8
and STM32F302/303xD/E devices,
USART1 (PA9/PA10), USART2 (PA2/PA3), I2C1 (PB6/PB7) on STM32F303x6/8 and
STM32F334 devices.
USART1 (PA9/PA10), USART2 (PA2/PA3), I2C1 (PB6/PB7), I2C3 (PA8/PB5) on
STM32F398 and F318 devices.
For additional information, refer to application note AN2606.
Table 1. Boot modes
Boot mode selection
Boot mode
Aliasing
BOOT1(1)
1.
The BOOT1 value is the opposite of the nBOOT1 option bit.
BOOT0
x
0
Main Flash memory
Main Flash memory is selected as boot space
0
1
System memory
System memory is selected as boot space
1
1
Embedded SRAM
Embedded SRAM is selected as boot space



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com