Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4206 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN4206
Description  Getting started with STM32F3 series hardware development
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4206 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN4206 Datasheet HTML 10Page - STMicroelectronics AN4206 Datasheet HTML 11Page - STMicroelectronics AN4206 Datasheet HTML 12Page - STMicroelectronics AN4206 Datasheet HTML 13Page - STMicroelectronics AN4206 Datasheet HTML 14Page - STMicroelectronics AN4206 Datasheet HTML 15Page - STMicroelectronics AN4206 Datasheet HTML 16Page - STMicroelectronics AN4206 Datasheet HTML 17Page - STMicroelectronics AN4206 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
Power supplies
AN4206
14/34
DocID023944 Rev 4
Power reset
A power reset is generated when one of the following events occurs:
1.
Power-on/power-down reset (POR/PDR reset)
2.
When exiting Standby mode
Backup domain reset
The backup domain has two specific resets that affect only the backup domain. A backup
domain reset is generated when one of the following events occurs:
1.
Software reset, triggered by setting the BDRST bit in the Backup domain control
register (RCC_BDCR).
2.
VDD or VBAT power on, if both supplies have previously been powered off.
1.2.2
Power on reset (POR) / power down reset (PDR)
The device has an integrated power-on reset (POR) and power-down reset (PDR) circuits
which are always active and ensure proper operation above a threshold of 2 V.
The device remains in Reset mode when the monitored supply voltage is below a specified
threshold, VPOR/PDR, without the need for an external reset circuit.
The POR monitors only the VDD supply voltage. During the startup phase VDDA must
arrive first and be greater than or equal to VDD.
The PDR monitors both the VDD and VDDA supply voltages. However, the VDDA power
supply supervisor can be disabled (by programming a dedicated option bit
VDDA_MONITOR) to reduce the power consumption if the application design ensures that
VDDA is higher than or equal to VDD.
For more details on the power on / power down reset threshold, refer to the electrical
characteristics section in the datasheet.
Figure 7. Power on reset/power down reset waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com