Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4206 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN4206
Description  Getting started with STM32F3 series hardware development
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4206 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN4206 Datasheet HTML 8Page - STMicroelectronics AN4206 Datasheet HTML 9Page - STMicroelectronics AN4206 Datasheet HTML 10Page - STMicroelectronics AN4206 Datasheet HTML 11Page - STMicroelectronics AN4206 Datasheet HTML 12Page - STMicroelectronics AN4206 Datasheet HTML 13Page - STMicroelectronics AN4206 Datasheet HTML 14Page - STMicroelectronics AN4206 Datasheet HTML 15Page - STMicroelectronics AN4206 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
Power supplies
AN4206
12/34
DocID023944 Rev 4
The switch to the VBAT supply is controlled by the power down reset (PDR) circuitry
embedded in the Reset block.
If no external battery is used in the application, it is highly recommended to connect VBAT
externally to VDD.
1.1.4
Voltage regulator
The voltage regulator is always enabled after reset.
It works in three different modes depending on the application modes:
Run mode: the regulator supplies full power to the 1.8 V domain (core, memories and
digital peripherals)
Stop mode: the regulator supplies low power to the 1.8 V domain, preserving the
contents of the registers and SRAM. In Stop mode, the voltage regulator can be
configured in low power mode in order to further reduce the consumption.
Standby mode: the regulator is powered off. The contents of the registers and SRAM
are lost except for the Standby circuitry and the Backup domain. This includes the
following features which can be selected by programming individual control bits:
–
Independent watchdog (IWDG): the IWDG is started by writing to its Key register
or by a hardware option. Once started it cannot be stopped except by a reset.
–
Real-time clock (RTC): configured by the RTCEN bit in the Backup domain control
register (RCC_BDCR).
–
Internal RC oscillator (LSI): configured by the LSION bit in the Control/status
register (RCC_CSR).
–
External 32.768 kHz oscillator (LSE): configured by the LSEON bit in the Backup
domain control register (RCC_BDCR).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com