Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4206 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN4206
Description  Getting started with STM32F3 series hardware development
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4206 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN4206 Datasheet HTML 17Page - STMicroelectronics AN4206 Datasheet HTML 18Page - STMicroelectronics AN4206 Datasheet HTML 19Page - STMicroelectronics AN4206 Datasheet HTML 20Page - STMicroelectronics AN4206 Datasheet HTML 21Page - STMicroelectronics AN4206 Datasheet HTML 22Page - STMicroelectronics AN4206 Datasheet HTML 23Page - STMicroelectronics AN4206 Datasheet HTML 24Page - STMicroelectronics AN4206 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
DocID023944 Rev 4
21/34
AN4206
Debug management
33
4.3.1
SWJ debug port pins
Five pins are used as outputs for the SWJ-DP as alternate functions of general-purpose
I/Os (GPIOs). These pins, shown in Table 2, are available on all packages.
4.3.2
Flexible SWJ-DP pin assignment
After reset (SYSRESETn or PORESETn), all five pins used for the SWJ-DP are assigned as
dedicated pins immediately usable by the debugger host (note that the trace outputs are not
assigned except if explicitly programmed by the debugger host).
However, some of the JTAG pins shown in Table 3 can be configured to an alternate
function through the GPIOx_AFRx registers.
Table 3 shows the different possibilities to free some pins to be configured alternate
functions.
For more details, see the corresponding STM32F3xx reference manual (RM0316, RM0313,
RM0365 and RM0366) available from the STMicroelectronics website www.st.com.
Table 2. Debug port pin assignment
SWJ-DP pin name
JTAG debug port
SW debug port
Pin
assignment
Type
Description
Type
Debug assignment
JTMS/SWDIO
I
JTAG test mode
selection
I/O
Serial wire data
input/output
PA13
JTCK/SWCLK
I
JTAG test clock
I
Serial wire clock
PA14
JTDI
I
JTAG test data input
-
-
PA15
JTDO/TRACESWO
O
JTAG test data
output
-
TRACESWO if async
trace is enabled
PB3
JNTRST
I
JTAG test nReset
-
-
PB4
Table 3. SWJ I/O pin availability
Available Debug ports
SWJ I/O pin assigned
PA13 /
JTMS/
SWDIO
PA14 /
JTCK/
SWCLK
PA15 /
JTDI
PB3 /
JTDO
PB4/
JNTRST
Full SWJ (JTAG-DP + SW-DP) - reset state
X
X
X
X
X
Full SWJ (JTAG-DP + SW-DP) but without
JNTRST
XX
X
X
JTAG-DP disabled and SW-DP enabled
X
X
JTAG-DP disabled and SW-DP disabled
Free to be configured as alternate functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com