Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4207 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN4207
Description  The STM32F37x series of microcontrollers combines
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4207 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN4207 Datasheet HTML 7Page - STMicroelectronics AN4207 Datasheet HTML 8Page - STMicroelectronics AN4207 Datasheet HTML 9Page - STMicroelectronics AN4207 Datasheet HTML 10Page - STMicroelectronics AN4207 Datasheet HTML 11Page - STMicroelectronics AN4207 Datasheet HTML 12Page - STMicroelectronics AN4207 Datasheet HTML 13Page - STMicroelectronics AN4207 Datasheet HTML 14Page - STMicroelectronics AN4207 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
AN4207
Overview of 16-bit SDADC
Doc ID 023945 Rev 1
11/28
2.1.4
Calibration
In order to get the best performance from the SDADC two parameters should be calibrated.
These parameters are offset and gain.
Offset calibration
The offset error is a constant value that is added to the ideal conversion value.Figure 6
illustrates the offset error.
The SDADC embedded in STM32F37x/38x devices provides automatic offset calibration
without adding external components. Its principle can be summarized in the following steps:
1.
Short internally both channel inputs (positive and negative)
2.
Perform conversion and store result in internal register (configuration register)
3.
Subtract automatically the calibration value from conversion value during standard
conversion.
Note:
It is recommended to run calibration at least once after SDADC configuration
Figure 6.
Offset error in SDADC
Gain calibration
Another error source is the gain error. As illustrated in Figure 7 the gain error is the deviation
of the SDADC’s transfer function from the ideal straight line. It is due to the built-in
programmable amplifier. According to the device datasheet the typical analog gain error is
-2.7% which means there can be 884 counts (at maximum voltage) due to gain error. So
reducing the gain error is mandatory when performing accurate measurements.
Analog input
Negative offset
1
2
Digital value
Positive offset
Null offset
MSv31132V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com