Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4207 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN4207
Description  The STM32F37x series of microcontrollers combines
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4207 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN4207 Datasheet HTML 13Page - STMicroelectronics AN4207 Datasheet HTML 14Page - STMicroelectronics AN4207 Datasheet HTML 15Page - STMicroelectronics AN4207 Datasheet HTML 16Page - STMicroelectronics AN4207 Datasheet HTML 17Page - STMicroelectronics AN4207 Datasheet HTML 18Page - STMicroelectronics AN4207 Datasheet HTML 19Page - STMicroelectronics AN4207 Datasheet HTML 20Page - STMicroelectronics AN4207 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
AN4207 Sigma-delta (SD) vs. successive approximation register (SAR) analog-to-digital convert-
Doc ID 023945 Rev 1
17/28
3
Sigma-delta (SD) vs. successive approximation
register (SAR) analog-to-digital converters
Analog to digital converters come in different architectures to be able to address the needs
of different applications. The main types available in the market are:
Successive approximation register (SAR) ADC: Successive-approximation-register
(SAR) analog-to-digital converters (ADCs) are frequently used in embedded systems, with
sample rates of less than 5 megasamples per second (Msps). Their resolution ranges from
8 to 16 bits. This type of ADC is used in industrial control applications.
Sigma-delta ADC (SDADC): Sigma-Delta analog-to-digital converters (ADCs) are used in
lower speed applications requiring high resolution. The resolution may attain 24 bits by
oversampling but the sampling rate is limited to only a few ksps.
Flash ADC: Flash analog-to-digital converters, are the fastest type of analog to a digital
converter. They are suitable for applications requiring a very high sampling rate. However,
flash converters have low resolution (12-bits). This type of ADC is used in oscilloscopes.
The Figure 11 gives an overview of the different ADC architectures, comparing their
resolution and sampling rate.
Figure 11.
ADC architecture vs. resolution and sampling rate
The STM32F37x/38x devices have two types of embedded ADCs: 12-bit SAR ADC and 16-
bit SDADC.
The Table 4 summarizes the differences between the two types of ADC.
24
16
8
12
Sample rate (sample/s)
100 k
5 M
5 G
Sigma Delta
SAR
Flash
MSv31138V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com