Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4207 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN4207
Description  The STM32F37x series of microcontrollers combines
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4207 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN4207 Datasheet HTML 18Page - STMicroelectronics AN4207 Datasheet HTML 19Page - STMicroelectronics AN4207 Datasheet HTML 20Page - STMicroelectronics AN4207 Datasheet HTML 21Page - STMicroelectronics AN4207 Datasheet HTML 22Page - STMicroelectronics AN4207 Datasheet HTML 23Page - STMicroelectronics AN4207 Datasheet HTML 24Page - STMicroelectronics AN4207 Datasheet HTML 25Page - STMicroelectronics AN4207 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
Application examples
AN4207
22/28
Doc ID 023945 Rev 1
4.3
Wave recorder
This application shows how to use the 16-bit Sigma-Delta Analog-to-Digital converter to
record the human voice using the electric condenser microphone installed on the
STM32373C-EVAL evaluation board.
The application source code is available in the
Project\STM32373C-EVAL\src\waverecorder.c
file in the STM32373C-EVAL demonstration firmware package stm32373c-eval_fw
A microphone is connected to SDADC1 channel 6 (PB0) through an audio amplifier/filter.
The SDADC is configured in Single-Ended Zero Reference mode and voice recording is
triggered by TIM13 at a sampling rate of 8 KHz.
The wave recorder application uses a ping-pong buffer: one buffer is actively being written in
the MicroSD memory card while the second buffer is filled with the new samples.
Writing access to the MicroSD memeory card uses the open source file system FatFS.
Figure 12 shows the block diagram of the voice recorder application.
Figure 12.
Block diagram of voice recorder
The flowchart of this application is given in Figure 13.
MSv31139V1
1st buffer
2nd buffer
16-bit
ΣΔ
SDADC
TIM13
Audio
AOP
SRAM
SPI
Cortex M4
CPU wth FPU/
MPU
72 MHz
STM32F37x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com