Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4207 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN4207
Description  The STM32F37x series of microcontrollers combines
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4207 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN4207 Datasheet HTML 14Page - STMicroelectronics AN4207 Datasheet HTML 15Page - STMicroelectronics AN4207 Datasheet HTML 16Page - STMicroelectronics AN4207 Datasheet HTML 17Page - STMicroelectronics AN4207 Datasheet HTML 18Page - STMicroelectronics AN4207 Datasheet HTML 19Page - STMicroelectronics AN4207 Datasheet HTML 20Page - STMicroelectronics AN4207 Datasheet HTML 21Page - STMicroelectronics AN4207 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
Sigma-delta (SD) vs. successive approximation register (SAR) analog-to-digital converters
18/28
Doc ID 023945 Rev 1
Table 4.
SDADC vs. SAR ADC feature comparison
Feature
SDADC
SAR ADC
Max sampling rate
50 Ksps(1)
1.
The sampling rate is 50 ksps when selecting a single channel and 16.6 ksps when multiplexing between
different channels.
1 Msps
Resolution
16 bits
12 bits
Input mode
Single-ended differential
Single-ended
Embedded gains
0.5x to 32x
No
Number of channels
5 differential input pairs or 9
single-ended inputs
16 single-ended inputs
Number of instances
3 with synchro capability
1
Automatic Offset calibration
Yes
Yes
Analog watchdog
No
Yes
Trigger sources for regular
conversion
–Software
– Start of conversion of another
SDADC
– Software
– Embedded timers
– External events
Trigger sources for injected
conversion
–Software
– Embedded timers
– External events
– Start of conversion of another
SDADC
– Software
– Embedded timers
– External events
Input range
[VREF-, VREF+]
Reference voltage
1.22 V
1.8 V
VDDSD
VREFSD+
VREF+
Input impedance(2)
2.
For SDADC, the input impedance depends on the selected gain and the selected operating frequency
(1.5 MHz or 6 MHz).
For SAR ADC, the input impedance depends on used sampling frequency (0.05 - 1 MHz) and sampling
capacitor (8pF).
47 K
 to 540 K
125 K
 to 2500 K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com