Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4207 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN4207
Description  The STM32F37x series of microcontrollers combines
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4207 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN4207 Datasheet HTML 12Page - STMicroelectronics AN4207 Datasheet HTML 13Page - STMicroelectronics AN4207 Datasheet HTML 14Page - STMicroelectronics AN4207 Datasheet HTML 15Page - STMicroelectronics AN4207 Datasheet HTML 16Page - STMicroelectronics AN4207 Datasheet HTML 17Page - STMicroelectronics AN4207 Datasheet HTML 18Page - STMicroelectronics AN4207 Datasheet HTML 19Page - STMicroelectronics AN4207 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
Overview of 16-bit SDADC
AN4207
16/28
Doc ID 023945 Rev 1
2.1.6
Low power modes
The 16-bit SDADC combines both high resolution and low power consumption making it
suitable for battery-powered products. If the SDADC is left powered-up continuously, it
consumes 1.2 mA maximum (typically 800 µA). The SDADC has three main modes for
reducing power consumption:
1.
Slow mode: In this mode, the SDADC consumes 600 µA maximum but the sampling
rate is limited to 12.5 Ksps maximum
2.
Standby mode: In this mode, the SDADC consumes a maximum of about 200 µA but a
stabilization time of 300 SDADC clock cycles (50 µs @ 6 MHz) is required each time it
exits from Standby mode.
3.
Power down mode: In this mode, the SDADC consumes a maximum of about 2.5 µA
but a stabilization time of 600 SDADC clock cycles (100 µs @ 6 MHz) is required each
time it exits from Standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com