Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4207 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN4207
Description  The STM32F37x series of microcontrollers combines
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4207 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN4207 Datasheet HTML 15Page - STMicroelectronics AN4207 Datasheet HTML 16Page - STMicroelectronics AN4207 Datasheet HTML 17Page - STMicroelectronics AN4207 Datasheet HTML 18Page - STMicroelectronics AN4207 Datasheet HTML 19Page - STMicroelectronics AN4207 Datasheet HTML 20Page - STMicroelectronics AN4207 Datasheet HTML 21Page - STMicroelectronics AN4207 Datasheet HTML 22Page - STMicroelectronics AN4207 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
AN4207
Application examples
Doc ID 023945 Rev 1
19/28
4
Application examples
This section presents how the 16-bit SDADC embedded in STM32F37x/38x devices can be
used in application examples such as temperature measurement, pressure measurement,
three-phase power meter, voice recorder...
4.1
Temperature measurement
This purpose of this application is to show how to use the 16-bit resolution Sigma-Delta
Analog-to-Digital converter to perform accurate temperature measurement using the PT100
sensor connected to PE7 in the STM32373C-EVAL evaluation board.
The application source code is available in are available in the
Project\STM32F37x_StdPeriph_Examples\SDADC
folder in the STM32F37x DSP and standard peripherals library package
stm32f37x_dsp_stdperiph_lib
.
A current source circuit available on the STM32373C-EVAL board is used to provide a fixed
1 mA current (when VDD = 3.3 V) to the temperature sensor PT100 which is connected to
SDADC1 channel 3P (PE7) through a reference resistor 1K8 labeled R33.
The SDADC is configured in single-ended offset mode. The input range is from 0 V to
VREF/(2*gain).
In this application, the SDADC internal gain is set to 8 so the range is from 0 V to VREF/16.
The external reference VREF (set to 3.3V on STM32373C-EVAL) is used as reference for
SDADC using JP17 so the measurement ranges between 0 V and VREF/16 = 0.20625V. The
conversion is performed in continuous mode with interrupts enabled on End Of Regular
Conversion.
The temperature is computed using the formula below:
Rpt100 = 100 + 0.385 * T
T = (Rpt100 - 100) / 0.385
Vpt100 = Rpt100 * Ipt100 = Rpt100 * VDD_ANA / 2 * Rref
Rpt100 = Vpt100 * 1800 * 2 / VDD_ANA
T = ((Vpt100 * 1800 * 2 / VDD_ANA) - 100) / 0.385
where:
Rpt100 is the resistance of the PT100 sensor
Vpt100 is the voltage measured on PT100 sensor
Ipt100 is ~ 1mA current crossing the PT100 sensor
VDD_ANA is the analog voltage
Rref is the reference resistor 1K8 labeled R33 on STM32373C-EVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com