Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4207 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN4207
Description  The STM32F37x series of microcontrollers combines
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4207 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN4207 Datasheet HTML 20Page - STMicroelectronics AN4207 Datasheet HTML 21Page - STMicroelectronics AN4207 Datasheet HTML 22Page - STMicroelectronics AN4207 Datasheet HTML 23Page - STMicroelectronics AN4207 Datasheet HTML 24Page - STMicroelectronics AN4207 Datasheet HTML 25Page - STMicroelectronics AN4207 Datasheet HTML 26Page - STMicroelectronics AN4207 Datasheet HTML 27Page - STMicroelectronics AN4207 Datasheet HTML 28Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
Application examples
AN4207
24/28
Doc ID 023945 Rev 1
4.4
ElectroCardioGram (ECG) acquisition
This application shows how to use the 16-bit Sigma-Delta Analog-to-Digital converter to
acquire a human ECG using two ECG electrodes TS1 and TS2 installed on the
STM32373C-EVAL evaluation board.
The application source code is available in the
Project\STM32373C-EVAL\src\applications.c
file in the STM32373C-EVAL demonstration firmware package stm32373c-eval_fw
Two ECG electrodes TS1 and TS2 are connected to SDADC1 channel 0 (PE12) through an
ECG amplifier/filter. The SDADC is configured in Single-Ended Zero Reference mode and
conversion is triggered by the TIM3 timer at a sampling rate of 480 Hz.
The ECG acquisition application uses a ping-pong buffer: one buffer is actively being filtered
(using a bandpass filter) and then displayed on the LCD while the second buffer is filled with
the new ECG samples.
Note:
ECG samples are filtered using the ARM DSP library
Figure 14 below shows the block diagram of the electrocardiogram acquisition application.
Figure 14.
Block diagram of the electrocardiogram (ECG) acquisition application
MSv31141V1
1st buffer
2nd buffer
16-bit
ΣΔ
SDADC
TIM13
480/sec
ECG
AOP
SRAM
SPI
Cortex M4
CPU wth FPU/
MPU
72 MHz
STM32F37x
DMA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com