Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4207 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN4207
Description  The STM32F37x series of microcontrollers combines
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4207 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN4207 Datasheet HTML 16Page - STMicroelectronics AN4207 Datasheet HTML 17Page - STMicroelectronics AN4207 Datasheet HTML 18Page - STMicroelectronics AN4207 Datasheet HTML 19Page - STMicroelectronics AN4207 Datasheet HTML 20Page - STMicroelectronics AN4207 Datasheet HTML 21Page - STMicroelectronics AN4207 Datasheet HTML 22Page - STMicroelectronics AN4207 Datasheet HTML 23Page - STMicroelectronics AN4207 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
Application examples
AN4207
20/28
Doc ID 023945 Rev 1
The temperature measurement is performed in two steps:
1.
Temperature sensor calibration: this phase is performed with JP18 fitted in 2-3(REF)
position. A 100 Ohm resistor is connected to PE7 which is connected to VREF through
the reference resistor. The SDADC converter measures the analog voltage applied on
PE7 and then computes the correction coefficient. This calibrates the gain. The PT100
is not connected in this phase.
2.
Temperature measurement: this phase is performed with JP18 fitted in 1-2 (PT100)
position. The PT100 sensor is connected to PE7 which is connected to VREF through
the reference resistor. The SDADC converter measures the analog voltage applied on
PE7 and then computes the temperature which is given by the following formula:
TemperaturePT100 = (((((CoeffCorrection * (AvrgRegularConvData/SDADC_GAIN) *
REFERENCE_RESISTOR * 2) / SDADCRESOL) - RESISTANCE_ZERODEGRE) /
RESISTANCE_COEFFICIENT);
where:
AvrgRegularConvData is the average value of 256 samples
SDADC_GAIN is the internal SDADC gain. In this example it is set to 8
CoeffCorrection is the correction coefficient computed in phase 1.
REFERENCE_RESISTOR is the reference resistor 1K8 labeled R33 on STM32373C-
EVAL
SDADCRESOL is the sigma delta converter: 2e16-1
RESISTANCE_ZERODEGRE is the resistance of PT100 at 0 °C
RESISTANCE_COEFFICIENT is the coefficient of PT100 sensor
Table 5.
Temperature sensor voltage range
VDD = 3.3V
Temperature
Resistance (
)
Voltage (mV)
Rref = 1.8 K
0 °
100
91.667
20°
107.7
98.725
50 °
119.2
109.2667



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com