Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4207 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN4207
Description  The STM32F37x series of microcontrollers combines
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4207 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN4207 Datasheet HTML 17Page - STMicroelectronics AN4207 Datasheet HTML 18Page - STMicroelectronics AN4207 Datasheet HTML 19Page - STMicroelectronics AN4207 Datasheet HTML 20Page - STMicroelectronics AN4207 Datasheet HTML 21Page - STMicroelectronics AN4207 Datasheet HTML 22Page - STMicroelectronics AN4207 Datasheet HTML 23Page - STMicroelectronics AN4207 Datasheet HTML 24Page - STMicroelectronics AN4207 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
AN4207
Application examples
Doc ID 023945 Rev 1
21/28
4.2
Pressure measurement
This application is intended to show how to use the 16-bit sigma-delta analog-to-digital
converter to perform pressure measurement using the absolute pressure sensor
MPX2102A mounted on the STM32373C-EVAL evaluation board.
The application source code is available in the
Project\STM32F37x_StdPeriph_Examples\SDADC
folder in the STM32F37x DSP and standard peripherals library package
stm32f37x_dsp_stdperiph_lib
.
On the STM32373C-EVAL board, The MPX2102A sensor is connected to SDADC1 channel
8P (PE8) and channel 8N (PE9). The MPX2102A sensitivity when powered by 3.3 V is 3.3 V
* 40 mV / 10 V = 13.2 mV/1000 mB = 13.2 microV/mB. To increase the sensitivity an
external 45.1 gain is applied, using the TVS632 operational amplifier installed on the
STM32373C-EVAL. The same operational amplifier is used to shift-down the input voltage
by 3.3 V/10 = 0.33 V
Note:
Refer to STM32373C-EVAL user manual for more details about how the MPX2102A is
connected to PE8 and PE9
The SDADC channel 8 is configured in differential mode. The external reference VREF (set
to 3.3 V on STM32373C-EVAL) is used as reference for SDADC. The conversion is
triggered by the TIM19 timer with interrupt enabled on End of Injected Conversion.
The input voltage is calculated using the formula below:
inputvoltage = (InjectedConvData * (SDADC_VREF / (SDADC_RESOL * SDADC_GAIN))) +
OFFSET_VOLTAGE;
Where:
InjectedConvData: The digital value read from SDADC data register
SDADC_VREF: is the sigma delta converter voltage reference: set externally to 3.3V
SDADC_RESOL: is the sigma delta converter resolution: 2e16-1
SDADC_GAIN: is the internal SDADC gain. In this example it is set to 4
OFFSET_VOLTAGE: The offset voltage added by the operational amplifier TVS632
(approximately 3.3 V/10 = 0.33 V)
And the pressure is calculated using the formula below:
PressuremB = ((1000000 * inputvoltage) / (MPX2102_SENSITIVITY * EXTERNGAIN));
Table 6.
Pressure sensor voltage range
Pressure (HPa)
Differential voltage on
sensor outputs
Differential voltage on
SDADC inputs
VDD = 3.3V
800
10.56 mV
146.256 mV
1000
13.2 mV
265.32 mV
1200
15.84 mV
384.384 mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com