Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4494 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN4494
Description  Bringing up the BlueNRG and BlueNRG-MS devices
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4494 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN4494 Datasheet HTML 8Page - STMicroelectronics AN4494 Datasheet HTML 9Page - STMicroelectronics AN4494 Datasheet HTML 10Page - STMicroelectronics AN4494 Datasheet HTML 11Page - STMicroelectronics AN4494 Datasheet HTML 12Page - STMicroelectronics AN4494 Datasheet HTML 13Page - STMicroelectronics AN4494 Datasheet HTML 14Page - STMicroelectronics AN4494 Datasheet HTML 15Page - STMicroelectronics AN4494 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
SPI interface
AN4494
3
SPI interface
3.1
Test case specification identifier
SPI_TEST
3.2
Test prerequisite
The customer's platform should have the SPI test points (see Table 1: "Test points" and
Figure 2: "SPI connection": SPI connection below).
3.3
Test description
How to verify that SPI access from an external microcontroller is functional.
3.4
Test setup
3.4.1
Hardware
STEVAL-IDB002V1 motherboard, to be connected to the BlueNRG board as showed
below:
Figure 2: SPI connection
3.4.2
Software
ST BlueNRG GUI, to send SPI commands to the BlueNRG.
3.5
Test procedure
A BlueNRG hardware reset, performed by the microcontroller, generates an ACI event with
a sequence described below and shown in Figure 3: "BlueNRG SPI transaction on HW
reset":
1.
Release of hardware reset
2.
IRQ goes high to signal an event from BlueNRG (if this signal is not present, it means
that the BlueNRG firmware for some reason is not running)
3.
The external microcontroller lowers CS to access the BlueNRG and read the event
4.
The microcontroller reads 5 bytes from SPI; they should be [02,7F,00,00,00]
5.
The external microcontroller, after raising the CS, lowers it again to access the
BlueNRG and read the event
12/34
DocID026361 Rev 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com