Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4494 Datasheet(PDF) 30 Page - STMicroelectronics

Part # AN4494
Description  Bringing up the BlueNRG and BlueNRG-MS devices
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4494 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button AN4494 Datasheet HTML 26Page - STMicroelectronics AN4494 Datasheet HTML 27Page - STMicroelectronics AN4494 Datasheet HTML 28Page - STMicroelectronics AN4494 Datasheet HTML 29Page - STMicroelectronics AN4494 Datasheet HTML 30Page - STMicroelectronics AN4494 Datasheet HTML 31Page - STMicroelectronics AN4494 Datasheet HTML 32Page - STMicroelectronics AN4494 Datasheet HTML 33Page - STMicroelectronics AN4494 Datasheet HTML 34Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 30 / 34 page
background image
Power consumption in advertising mode
AN4494
10
Power consumption in advertising mode
10.1
Test case specification identifier
CURRENT_TEST
10.2
Test prerequisite
In order to perform this test the platform must be provided with the test points in series with
the Vbat1, 2, 3 pins (see Table 1: "Test points").
10.3
Test description
The aim of this test is to verify that the BlueNRG current consumption profile during the
advertising is aligned with the simulated value (using the BlueNRG Current Consumption
Estimation Tool available on ST BlueNRG website www.st.com/bluenrg).
10.4
Test setup
10.4.1
Hardware
Agilent N6705B power analyzer or an oscilloscope.
10.4.2
Software
ST BlueNRG GUI.
10.5
Test procedure
Connect the power analyzer in series to the Vbat pins in the BlueNRG. If it is not available,
use a 10 Ohm resistor to sense the current, connecting two probes to it.
Power up the BlueNRG platform.
Set the BlueNRG in advertising mode, using these commands with the BlueNRG GUI:
BLUEHCI_GATT_INIT
HCI_LE_SET_ADVERTISING_PARAMETERS(interval_min=interval_max=0x0640)
HCI_LE_ADVERTISING_DATA (Data_length 0, Advertising_Data=0x101010…)
HCI_LE_SET_ADVERTISE_ENABLE (Avertising_Enable=0x01)
BLUEHCI_HAL_SET_TX_POWER_LEVEL (PA_Level = 5/4)
Capture the current waveform.
10.6
Expected results
The average current should be as reported here (see Figure 9: "Typical current profile
during an advertising event"):
Avg. current = approx. 6 mA
Sleep current = approx. 2 µA (see Section 11: "Reference" point )
30/34
DocID026361 Rev 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com