Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4494 Datasheet(PDF) 28 Page - STMicroelectronics

Part # AN4494
Description  Bringing up the BlueNRG and BlueNRG-MS devices
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4494 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button AN4494 Datasheet HTML 24Page - STMicroelectronics AN4494 Datasheet HTML 25Page - STMicroelectronics AN4494 Datasheet HTML 26Page - STMicroelectronics AN4494 Datasheet HTML 27Page - STMicroelectronics AN4494 Datasheet HTML 28Page - STMicroelectronics AN4494 Datasheet HTML 29Page - STMicroelectronics AN4494 Datasheet HTML 30Page - STMicroelectronics AN4494 Datasheet HTML 31Page - STMicroelectronics AN4494 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
Sensitivity test
AN4494
9
Sensitivity test
9.1
Test case specification identifier
SENSITIVITY_TEST
9.2
Test prerequisite
It is possible to adopt two different hardware configurations for this test:
1.
A signal generator (ex. the Agilent E4438C, controlled through a GPIB interface) as Tx
and the STEVAL-IDB002V1 motherboard connected to the DUT (device under test) as
shown in Figure 1: "UFL connector".
2.
STEVAL-IDB002V1 complete kit as Tx device and STEVAL-IDB002V1 motherboard
connected to the BlueNRG DUT
9.3
Test description
The aim of this test is to verify the sensitivity level of the BlueNRG board.
9.4
Test setup
9.4.1
Hardware
Tx: Agilent E4438C signal generator or STEVAL-IDB002V1 kit
Rx: STEVAL motherboard connected to the BlueNRG DUT board (see Figure 1: "UFL
connector").
9.4.2
Software
ST BlueNRG GUI.
9.5
Test procedure
Two procedures can be used.
9.5.1
Signal generator & BlueNRG
The sensitivity can be evaluated by performing the following steps:
1.
Connect the instrument and the DUT with an RF cable (with no significant loss).
2.
Start Rx on DUT: HCI_LE_RECEIVER_TEST
3.
Make the generator send X packets (well formatted as described in “Direct Test
Mode”, Vol. 6, Part F, and “Host Controller Interface Functional Specification”, VOL. 2,
Part E, in point Section 11: "Reference")
4.
Stop test on DUT: HCI_LE_TEST_END
This will return Y as the number of received packets. PER is 1-Y/X.
If PER is below 0.308 (30.8%), go back to step b and decrease the power of the transmitter
by one step. If PER goes above 0.308, then the level of power emitted by the equipment in
the previous test is the sensitivity of the receiver.
The algorithm can be made more accurate by reducing the power level step when it is
close to the sensitivity level.
28/34
DocID026361 Rev 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com