Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4494 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN4494
Description  Bringing up the BlueNRG and BlueNRG-MS devices
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4494 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN4494 Datasheet HTML 16Page - STMicroelectronics AN4494 Datasheet HTML 17Page - STMicroelectronics AN4494 Datasheet HTML 18Page - STMicroelectronics AN4494 Datasheet HTML 19Page - STMicroelectronics AN4494 Datasheet HTML 20Page - STMicroelectronics AN4494 Datasheet HTML 21Page - STMicroelectronics AN4494 Datasheet HTML 22Page - STMicroelectronics AN4494 Datasheet HTML 23Page - STMicroelectronics AN4494 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
XTAL centering test
AN4494
Set the spectrum analyzer to: Res BW = 1 KHz, SPAN = 500 KHz (see Figure 6:
"Frequency tone at Ch0 for the XTAL center test").
Generate a carrier wave tone at Ch0 (freq. 2.401750 GHz) using the ACI command:
HAL_TONE_START (a tone can be emitted at f = 2402 + k*2 - 0.250 MHz, with k = 0 to
39).
The difference between the desired tone and the measured tone is the frequency offset.
Figure 6: Frequency tone at Ch0 for the XTAL center test
5.6
Expected results
The offset limit is (as reported in the Reference section point ):
|Offset| < 50 KHz
If DUT freq > 2.4018 GHz → increase XTAL caps
If DUT freq < 2.4017 GHz → decrease XTAL caps
5.7
Note
N/A.
5.8
Other
N/A.
20/34
DocID026361 Rev 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com