Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4494 Datasheet(PDF) 29 Page - STMicroelectronics

Part # AN4494
Description  Bringing up the BlueNRG and BlueNRG-MS devices
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4494 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button AN4494 Datasheet HTML 25Page - STMicroelectronics AN4494 Datasheet HTML 26Page - STMicroelectronics AN4494 Datasheet HTML 27Page - STMicroelectronics AN4494 Datasheet HTML 28Page - STMicroelectronics AN4494 Datasheet HTML 29Page - STMicroelectronics AN4494 Datasheet HTML 30Page - STMicroelectronics AN4494 Datasheet HTML 31Page - STMicroelectronics AN4494 Datasheet HTML 32Page - STMicroelectronics AN4494 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
AN4494
Sensitivity test
9.5.2
Two BlueNRG boards
In this case, the previous procedure changes in the following way:
1.
Connect the RF input/output of both boards, DUT and tester, by using a variable
attenuator.
2.
Start Rx on DUT: HCI_LE_RECEIVER_TEST
3.
Make the Tx board send packets: HCI_LE_TRANSMITTER_TEST, with the length of
test data: 0x25
4.
Stop test on Tx board: HCI_LE_TEST_END
5.
Send a further command to determine the number of packets sent by the Tx board:
HAL_LE_TX_TEST_PACKET_NUMBER
6.
Stop test on DUT: HCI_LE_TEST_END
This will return Y as the number of received packets. PER is 1-Y/X.
If PER is below 0.308 (30.8%), go back to step b and increase the value of the attenuation.
If PER goes above 0.308, then the level of power received by the DUT in the previous test
is the sensitivity of the receiver. It is very important to measure correctly or estimate the
power received by the DUT (e.g. by the use of a tone instead of a modulated signal).
Moreover, in order to reduce the level of the signal received over-the-air by the DUT, the
BlueNRG Tester should use the minimum output power. Performing the measurements
inside an anechoic chamber will also give more accurate results.
9.6
Expected results
The expected value should be a few dBm from the value reported in the datasheet. If it is
not, the reason could be related to the matching network.
9.7
Note
Since the sensitivity test is very time-consuming, ST can provide specific software for both
hardware configurations in order to implement an automatic procedure.
9.8
Other
N/A.
DocID026361 Rev 3
29/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com