Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4494 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN4494
Description  Bringing up the BlueNRG and BlueNRG-MS devices
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4494 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN4494 Datasheet HTML 9Page - STMicroelectronics AN4494 Datasheet HTML 10Page - STMicroelectronics AN4494 Datasheet HTML 11Page - STMicroelectronics AN4494 Datasheet HTML 12Page - STMicroelectronics AN4494 Datasheet HTML 13Page - STMicroelectronics AN4494 Datasheet HTML 14Page - STMicroelectronics AN4494 Datasheet HTML 15Page - STMicroelectronics AN4494 Datasheet HTML 16Page - STMicroelectronics AN4494 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
AN4494
SPI interface
6.
The microcontroller reads 5 bytes from SPI and [02,7F,00,06,00] is expected, meaning
6 bytes to read
7.
The microcontroller reads 6 bytes from SPI and [04, FF, 03, 01, 00, 01] is expected
8.
The microcontroller raises the CS again
Figure 3: BlueNRG SPI transaction on HW reset
The bytes in step 7 should be interpreted as an HCI vendor specific (VS) event packet
(refer to Section 2.3: "Test description").
When the BlueNRG firmware is started normally, it gives a Blue_Initialized_Event to the
user to indicate the system has started.
The following is a detailed interpretation about this specific HCI VS event packet:
Table 3: Blue_Initialized_Event
Bytes
Description
04
It indicates an HCI Event Packet
FF
It is a vendor specific HCI event (Event code 0xFF)
03
HCI VS event parameter total length
01 00
BLUE_INITIALIZED event code
01
Reason code x BLUE_INITIALIZED event: Application started properly
3.6
Expected results
The bytes sent by the BlueNRG are described in Section 3.5: "Test procedure".
DocID026361 Rev 3
13/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com