Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4494 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN4494
Description  Bringing up the BlueNRG and BlueNRG-MS devices
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4494 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN4494 Datasheet HTML 19Page - STMicroelectronics AN4494 Datasheet HTML 20Page - STMicroelectronics AN4494 Datasheet HTML 21Page - STMicroelectronics AN4494 Datasheet HTML 22Page - STMicroelectronics AN4494 Datasheet HTML 23Page - STMicroelectronics AN4494 Datasheet HTML 24Page - STMicroelectronics AN4494 Datasheet HTML 25Page - STMicroelectronics AN4494 Datasheet HTML 26Page - STMicroelectronics AN4494 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
AN4494
Output power test
7
Output power test
7.1
Test case specification identifier
OUTPUT_TESTS
7.2
Test prerequisite
For this test the UFL or SMA connector is mandatory.
7.3
Test description
The aim of this test is verification of the Tx output power level and the step linearity.
7.4
Test setup
7.4.1
Hardware
A spectrum analyzer is required for this test.
7.4.2
Software
ST BlueNRG GUI, to emit a frequency tone.
7.5
Test procedure
Connect the BlueNRG board to the spectrum analyzer through an RF cable.
Set the spectrum analyzer to: Res BW = 100 KHz, SPAN = 500 KHz.
Power up the BlueNRG platform.
The default configuration of the command BLUEHCI_HAL_SET_TX_POWER_LEVEL is
with the parameter En_High_Power=0x01 (High power mode) and PA_level=0x07
(+8dBm).
To use the BlueNRG in TX Standard mode, use this command with the parameter
En_High_Power=0x00.
Generate a carrier wave tone at Ch0 (freq. 2.401750 GHz) using the ACI command:
HAL_TONE_START (a tone can be emitted at f=2402 + k*2 - 0.250 MHz, with k=0 to 39).
For the step linearity of the Tx output power use the command:
BLUEHCI_HAL_SET_TX_POWER_LEVEL (PA_Level: 0x06).
7.6
Expected results
With PA_level=0x07:
High power mode: around 8 dBm
Standard power mode: around 5 dBm
With PA_level = 0x06:
High power mode: around 4 dBm
Standard power mode: around 0 dBm
DocID026361 Rev 3
23/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com