Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4494 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN4494
Description  Bringing up the BlueNRG and BlueNRG-MS devices
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4494 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN4494 Datasheet HTML 15Page - STMicroelectronics AN4494 Datasheet HTML 16Page - STMicroelectronics AN4494 Datasheet HTML 17Page - STMicroelectronics AN4494 Datasheet HTML 18Page - STMicroelectronics AN4494 Datasheet HTML 19Page - STMicroelectronics AN4494 Datasheet HTML 20Page - STMicroelectronics AN4494 Datasheet HTML 21Page - STMicroelectronics AN4494 Datasheet HTML 22Page - STMicroelectronics AN4494 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
AN4494
XTAL centering test
5
XTAL centering test
The BlueNRG integrates a low-speed frequency oscillator (LSOSC) and a high-speed (16
MHz or 32 MHz) frequency oscillator (HSOSC).
The low frequency clock is used in low power mode and can be supplied either by a 32.7
kHz oscillator that uses an external crystal or by a ring oscillator with maximum ±500 ppm
frequency tolerance, which does not require any external components.
The primary high frequency clock is a 16 MHz or 32 MHz crystal oscillator.
The frequency tolerance of the high-speed crystal oscillator must be below ±50 ppm.
The BlueNRG device, as with all RF systems, is highly dependent on accurate clocks for
correct operation. A deviation in clock frequency is directly reflected as a deviation in radio
frequency, and this can degrade RF performance, violate legal requirements or in the worst
case lead to a non-functioning system.
For these reasons the crystal frequency must be centered, and the easiest way to find the
optimum load capacitor values for a given circuit and layout is through experimentation.
5.1
Test case specification identifier
XTAL_center_TEST
5.2
Test prerequisite
For this test, the UFL connector (see Table 1: "Test points") is not mandatory.
5.3
Test description
For the reasons previously explained, the crystal frequency must be centered, and the
easiest way to find the optimum load capacitor values for a given circuit and layout is
through experimentation. The radio can be set to put out a constant carrier at a given
frequency.
By measuring the output frequency with a spectrum analyzer, the offset can easily be
found.
5.4
Test setup
5.4.1
Hardware
A spectrum analyzer is required for this test.
5.4.2
Software
ST BlueNRG GUI, to emit a frequency tone.
5.5
Test procedure
The following procedure is valid for the high-speed oscillator (16 MHz or 32 MHz):
Connect the BlueNRG board to the spectrum analyzer through an RF cable if it is equipped
with an UFL connector, otherwise plug a 2.4 GHz antenna into the input port of the
instrument.
Power up the BlueNRG platform.
DocID026361 Rev 3
19/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com