Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4494 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN4494
Description  Bringing up the BlueNRG and BlueNRG-MS devices
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4494 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN4494 Datasheet HTML 17Page - STMicroelectronics AN4494 Datasheet HTML 18Page - STMicroelectronics AN4494 Datasheet HTML 19Page - STMicroelectronics AN4494 Datasheet HTML 20Page - STMicroelectronics AN4494 Datasheet HTML 21Page - STMicroelectronics AN4494 Datasheet HTML 22Page - STMicroelectronics AN4494 Datasheet HTML 23Page - STMicroelectronics AN4494 Datasheet HTML 24Page - STMicroelectronics AN4494 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
AN4494
LSOSC centering test
6
LSOSC centering test
The LSOSC is used to have a reference time clock. The advantage of using the external
32.768 kHz clock is that it consumes less power than internal RO and it is more accurate
(50 ppm). This test permits to center its oscillator frequency, changing the crystal
capacitance.
6.1
Test case specification identifier
LSOSC_center_TEST
6.2
Test prerequisite
For this test, a test point in the pin 14 (TEST9) is required.
6.3
Test description
There is a way, using the IFR tool of the BlueNRG GUI, to put out the LSOSC signal in the
pin 14.
By measuring its frequency with an oscilloscope, the frequency offset can easily be
measured.
6.4
Test setup
6.4.1
Hardware
An oscilloscope is required for this test.
6.4.2
Software
ST BlueNRG GUI.
6.5
Test procedure
Connect an oscilloscope’s probe in the pin 14 (TEST9) test point.
Power up the BlueNRG platform.
Set the scope to capture a consistent number of 32 KHz waveform periods (for example 64
cycles, so set the time base at 200us). In this way, the influence of the jitter in the measure
is minimized.
In the IFR tool of the GUI make a “Read” of the current IFR configuration, then tick the
check-box “LS crystal measure” and then make a “Write” operation.
Now a power cycle is required to let the new IFR be operative.
At this point, the 32.768 KHz waveform will be visible on the oscilloscope screen.
Perform the measurement of the frequency: the difference between the target value
(f=32.768 KHz) and the measured one is the frequency offset Δf.
6.6
Expected results
If DUT freq > 32.768 KHz → increase XTAL caps
If DUT freq < 32.768 KHz → decrease XTAL caps
DocID026361 Rev 3
21/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com