Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1553 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1553
Description  5-Bit Programmable Synchronous Switching Regulator Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1553 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1553_15 Datasheet HTML 3Page - Linear Technology LTC1553_15 Datasheet HTML 4Page - Linear Technology LTC1553_15 Datasheet HTML 5Page - Linear Technology LTC1553_15 Datasheet HTML 6Page - Linear Technology LTC1553_15 Datasheet HTML 7Page - Linear Technology LTC1553_15 Datasheet HTML 8Page - Linear Technology LTC1553_15 Datasheet HTML 9Page - Linear Technology LTC1553_15 Datasheet HTML 10Page - Linear Technology LTC1553_15 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
7
LTC1553
PIN FUNCTIONS
VID0, VID1, VID2, VID3, VID4 (Pins 18, 17, 16, 15, 14):
Digital Voltage Select. TTL inputs used to set the regulated
output voltage required by the processor (Table 3). There
is an internal 20k
Ω pull-up at each pin. When all five VIDn
pins are high or floating, the chip will shut down.
OUTEN (Pin 19): Output Enable. TTL input which enables
the output voltage. The external MOSFET temperature can
be monitored with an external thermistor as shown in
Figure 13. When the OUTEN input voltage drops below 2V,
OT trips. As OUTEN drops below 1.7V, the drivers are
internally disabled to prevent the MOSFETs from heating
further. If OUTEN is less than 1.2V for longer than 30
µs,
the LTC1553 will enter shutdown mode. The internal
oscillator can be synchronized to a faster external clock by
applying the external clocking signal to the OUTEN pin.
G1 (Pin 20): Gate Drive for the Upper N-Channel MOSFET,
Q1. This output will swing from PVCC to GND. It will always
be low when G2 is high or the output is disabled.
BLOCK DIAGRAM
VID0
VID1
VID2
VID3
VID4
18
17
16
15
14
OUTEN 19
COMP
SS
PVCC
G1
G2
1553 BD
SENSE
–
+
FC
–
+
PWM
SYSTEM
POWER
DOWN
R
S
DISDR
VREF
ISS
QSS
115% VREF
VREF
0.5VREF/
0.7VREF
HCL MONO
MHCL
VREF – 5%
VREF + 5%
DELAY
DAC
FB
LOGIC
MAX
–
+
MIN
–
+
ERR
–
+
IMAX
IMAX
IFB
PWRGD
CC
–
+
LVC
FAULT
OT
BG
10
9
12
11
13
2
20
1
6
8
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com