Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1553 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1553
Description  5-Bit Programmable Synchronous Switching Regulator Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1553 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1553_15 Datasheet HTML 2Page - Linear Technology LTC1553_15 Datasheet HTML 3Page - Linear Technology LTC1553_15 Datasheet HTML 4Page - Linear Technology LTC1553_15 Datasheet HTML 5Page - Linear Technology LTC1553_15 Datasheet HTML 6Page - Linear Technology LTC1553_15 Datasheet HTML 7Page - Linear Technology LTC1553_15 Datasheet HTML 8Page - Linear Technology LTC1553_15 Datasheet HTML 9Page - Linear Technology LTC1553_15 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6
LTC1553
G2 (Pin 1): Gate Drive for the Lower N-Channel MOSFET,
Q2. This output will swing from PVCC to GND. It will always
be low when G1 is high or when the output is disabled. To
prevent undershoot during a soft start cycle, G2 is held low
until G1 first goes high.
PVCC (Pin 2): Power Supply for G1 and G2. PVCC must be
connected to a potential of at least VIN + VGS(ON)Q1. If
VIN = 5V, PVCC can be generated using a simple charge
pump connected to the switching node between Q1 and
Q2 (see Figure 7), or it can be connected to an auxiliary 12V
supply if one exists. For applications where VIN = 12V,
PVCC can be generated using a 17V charge pump (see
Figure 9).
GND (Pin 3): Power Ground. GND should be connected to
a low impedance ground plane in close proximity to the
source of Q2.
SGND (Pin 4): Signal Ground. SGND is connected to the
low power internal circuitry and should be connected to
the negative terminal of the output capacitor where it
returns to the ground plane. GND and SGND should be
shorted right at the LTC1553.
VCC (Pin 5): Power Supply. Power for the internal low
power circuity. VCC should be wired separately from the
drain of Q1 if they share the same supply. A 10
µF bypass
capacitor is recommended from this pin to SGND.
SENSE (Pin 6): Output Voltage Pin. Connect to the positive
terminal of the output capacitor. There is an internal 120k
resistor connected from this pin to SGND. SENSE is a very
sensitive pin; for optimum performance, connect an exter-
nal 0.1
µF capacitor from this pin to SGND. By connecting
a small external resistor between the output capacitor and
the SENSE pin, the initial output voltage can be raised
slightly. Since the internal divider has a nominal imped-
ance of 120k
Ω, a 1200Ω series resistor will raise the
nominal output voltage by 1%. If an external resistor is
used, the value of the 0.1
µF capacitor on the SENSE pin
must be greatly reduced or loop phase margin will suffer.
Set a time constant for the RC combination of approxi-
mately 0.1
µs. So, for example, with a 1200Ω resistor, set
C = 83pF. Use a standard 100pF capacitor.
PIN FUNCTIONS
IMAX (Pin 7): Current Limit Threshold. Current limit is set
by the voltage drop across an external resistor connected
between the drain of Q1 and IMAX. There is a 180µA internal
pull-down at IMAX.
IFB (Pin 8): Current Limit Sense Pin. Connect to the
switching node between the source of Q1 and the drain of
Q2. If IFB drops below IMAX when G1 is on, the LTC1553
will go into current limit. The current limit circuit can be
disabled by floating IMAX and shorting IFB to VCC through
an external 10k resistor. For VIN = 12V, a 15V Zener diode
from IFB to GND is recommended to prevent the voltage
spike at IFB from exceeding the maximum voltage rating.
SS (Pin 9): Soft Start. Connect to an external capacitor to
implement a soft start function. During moderate overload
conditions, the soft start capacitor will be discharged
slowly in order to reduce the duty cycle. In hard current
limit, the soft start capacitor will be forced low immedi-
ately and the LTC1553 will rerun a complete soft start
cycle. CSS must be selected such that during power-up the
current through Q1 will not exceed the current limit value.
COMP (Pin 10): External Compensation. The COMP pin is
connected directly to the output of the error amplifier and
the input of the PWM comparator. An RC + C network is
used at this node to compensate the feedback loop to
provide optimum transient response.
OT (Pin 11): Over-Temperature Fault. OT is an open-drain
output and will be pulled low if OUTEN is less than 2V. If
OUTEN = 0, OT pulls low.
FAULT (Pin 12): Overvoltage Fault. FAULT is an open-
drain output. If VOUT reaches 15% above the nominal
output voltage, FAULT will go low and G1 and G2 will be
disabled. Once triggered, the LTC1553 will remain in this
state until the power supply is recycled or the OUTEN pin
is toggled. If OUTEN = 0, FAULT floats or is pulled high by
an external resistor.
PWRGD (Pin 13): Power Good. This is an open-drain
signal to indicate validity of output voltage. A high indi-
cates that the output has settled to within
±5% of the rated
output for more than 1ms. PWRGD will go low if the output
is out of regulation for more than 500
µs. If OUTEN = 0,
PWRGD pulls low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com