Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1553 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC1553
Description  5-Bit Programmable Synchronous Switching Regulator Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1553 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC1553_15 Datasheet HTML 8Page - Linear Technology LTC1553_15 Datasheet HTML 9Page - Linear Technology LTC1553_15 Datasheet HTML 10Page - Linear Technology LTC1553_15 Datasheet HTML 11Page - Linear Technology LTC1553_15 Datasheet HTML 12Page - Linear Technology LTC1553_15 Datasheet HTML 13Page - Linear Technology LTC1553_15 Datasheet HTML 14Page - Linear Technology LTC1553_15 Datasheet HTML 15Page - Linear Technology LTC1553_15 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
12
LTC1553
Table 4. Recommended Minimum RIMAX Resistor (kΩ) vs Maximum Operating Load Current and External MOSFET Q1
MAXIMUM OPERATING
SUD50N03-10
MTD20N03HDL
LOAD CURRENT (A)
SUD50N03-10
(TWO IN PARALLEL)
MTD20N03HDL
(TWO IN PARALLEL)
12
2.4
1.2
4.3
2.2
14
2.7
1.3
5.1
2.7
16
3.0
1.5
6.2
3.0
18
3.6
1.8
6.8
3.3
20
3.9
2.0
7.5
3.6
APPLICATIONS INFORMATION
OUTEN and Thermistor Input
The LTC1553 includes a low power shutdown mode,
controlled by the logic at the OUTEN pin. A high at OUTEN
allows the part to operate normally. A low level at OUTEN
stops all internal switching, pulls COMP and SS to ground
internally and turns Q1 and Q2 off. OT and PWRGD are
pulled low, and FAULT is left floating. In shutdown, the
LTC1553 quiescent current will drop to about 130
µA. The
remaining current is used to keep the thermistor sensing
circuit at OUTEN alive. Note that the leakage current of
the external MOSFETs may add to the total shutdown
current consumed by the circuit, especially at elevated
temperature.
OUTEN is designed with multiple thresholds to allow it to
also be utilized for over-temperature protection. The power
MOSFET operating temperature can be monitored with an
external negative temperature coefficient (NTC) thermistor
mounted next to the external MOSFET which is expected
to run the hottest –– often the high-side device, Q1. Elec-
trically, the thermistor should form a voltage divider with
another resistor, R1, connected to VCC. Their midpoint
should be connected to OUTEN (see Figure 6). As the
temperature increases, the OUTEN pin voltage is reduced.
Under normal operating conditions, the OUTEN pin should
stay above 2V. All circuits will function normally, and the
OT pin will remain in a high state. If the temperature gets
abnormally high, the OUTEN pin voltage will eventually
drop below 2V. OT will switch to a logic low, providing an
over-temperature warning to the system. As OUTEN drops
below 1.7V, the LTC1553 disables both FET drivers. If
Figure 6. OUTEN Pin as a Thermistor Input
Q1
Q2
LO
VOUT
1553 F06
COUT
5.6k
VIN
VCC
VCC
R1
R2
NTC THERMISTOR
MOUNT IN CLOSE
THERMAL PROXIMITY
TO Q1
LTC1553
PENTIUM II
SYSTEM
G1
G2
OT
OUTEN
+
OUTEN is less than 1.2V, the LTC1553 will enter shutdown
mode. To activate any of these three modes, the OUTEN
voltage must drop below the respective threshold for
longer than 30
µs.
Clock Synchronization
The internal oscillator can be synchronized to an external
clock by applying the external clocking signal to the
OUTEN pin. The synchronizing range extends from the
initial operating frequency up to 500kHz. If the external
frequency is much higher than the natural free-running
frequency, the peak-to-peak sawtooth amplitude within
the LTC1553 will decrease. Since the loop gain is inversely
proportional to the amplitude of the sawtooth, the com-
pensation network may need to be adjusted slightly. Note
that the temperature sensing circuitry does not operate
when external synchronization is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com