Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1553 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1553
Description  5-Bit Programmable Synchronous Switching Regulator Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1553 Datasheet(HTML) 3 Page - Linear Technology

  LTC1553_15 Datasheet HTML 1Page - Linear Technology LTC1553_15 Datasheet HTML 2Page - Linear Technology LTC1553_15 Datasheet HTML 3Page - Linear Technology LTC1553_15 Datasheet HTML 4Page - Linear Technology LTC1553_15 Datasheet HTML 5Page - Linear Technology LTC1553_15 Datasheet HTML 6Page - Linear Technology LTC1553_15 Datasheet HTML 7Page - Linear Technology LTC1553_15 Datasheet HTML 8Page - Linear Technology LTC1553_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
3
LTC1553
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IIMAX
IMAX Sink Current
VIMAX = VCC
q
150
180
220
µA
ISS
Soft Start Source Current
VSS = 0V, VIMAX = 0V, VIFB = VCC
q
–13
– 10
–7
µA
ISSIL
Maximum Soft Start Sink Current
VSENSE = VOUT, VIMAX = VCC, VIFB = 0V
q
30
60
150
µA
Under Current Limit
(Notes 8, 9), VSS = VCC
ISSHIL
Soft Start Sink Current Under Hard
VSENSE = 0V, VIMAX = VCC, VIFB = 0V
q
20
45
mA
Current Limit
tSSHIL
Hard Current Limit Hold Time
VSENSE = 0V, VIMAX = 4V, VIFB↓ from 5V (Note 4)
500
µs
tPWRGD
Power Good Response Time
↑
VSENSE↑ from 0V to Rated VOUT
q
0.5
1
2
ms
tPWRBAD
Power Good Response Time
↓
VSENSE↓ from Rated VOUT to 0V
q
200
500
1000
µs
tFAULT
FAULT Response Time
VSENSE↑ from Rated VOUT to VCC
q
200
500
1000
µs
tOT
OT Response Time
OUTEN
↓, VID0 to VID4 = 0 (Note 10) (Figure 3)
q
15
40
60
µs
VOT
Over-Temperature Trip Point
OUTEN
↓, VID0 to VID4 = 0 (Note 10) (Figure 3)
q
1.9
2
2.12
V
VOTDD
Over-Temperature Driver Disable
OUTEN
↓, VID0 to VID4 = 0 (Note 10) (Figure 3)
q
1.6
1.7
1.8
V
VSHDN
Shutdown
OUTEN
↓, VID0 to VID4 = 0 (Note 10) (Figure 3)
q
0.8
V
tr, tf
Driver Rise and Fall Time
(Figure 4)
q
90
150
ns
tNOL
Driver Nonoverlap Time
(Figure 4)
q
30
100
ns
DCMAX
Maximum G1 Duty Cycle
(Figure 4)
q
77
84
88
%
VIH
VID0 to VID4 Input High Voltage
q
2V
VIL
VID0 to VID4 Input Low Voltage
q
0.8
V
RIN
VID0 to VID4 Internal Pull-Up
q
10
20
k
Ω
Resistance
ISINK
Digital Output Sink Current
q
10
mA
ELECTRICAL CHARACTERISTICS V
CC = 5V, PVCC = 12V, TA = 25°C, unless otherwise noted. (Note 3)
The q denotes specifications which apply over the full operating
temperature range.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: When IFB is taken below GND, it will be clamped by an internal
diode. This pin can handle input currents greater than 100mA below GND
without latchup. In the positive direction, it is not clamped to VCC or PVCC.
Note 3: All currents into device pins are positive; all currents out of the
device pins are negative. All voltages are referenced to ground unless
otherwise specified.
Note 4: This parameter is guaranteed by correlation and is not tested
directly.
Note 5: The LTC1553 goes into the shutdown mode if VID0 to VID4 are
floating. Due to the internal pull-up resistors, there will be an additional
0.25mA/pin if any of the VID0 to VID4 pins are pulled low.
Note 6: Supply current in normal operation is dominated by the current
needed to charge and discharge the external FET gates. This will vary with
the LTC1553 operating frequency, supply voltage and the external FETs
used.
Note 7: The open-loop DC gain and transconductance from the SENSE pin to
COMP pin will be (GERR)(1.265/3.3) and (gmERR)(1.265/3.3) respectively.
Note 8: The current limiting amplifier can sink but cannot source current.
Under normal (not current limited) operation, the output current will be zero.
Note 9: Under typical soft current limit, the net soft start discharge current
will be 60
µA (ISSIL) + [–10µA(ISS)] = 50µA. The soft start sink-to-source
current ratio is designed to be 6:1.
Note 10: When VID0 to VID4 are all HIGH, the LTC1553 will be forced to
shut down internally. The OUTEN trip voltages are guaranteed by design for
all other input codes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com