Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1553 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1553
Description  5-Bit Programmable Synchronous Switching Regulator Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1553 Datasheet(HTML) 5 Page - Linear Technology

  LTC1553_15 Datasheet HTML 1Page - Linear Technology LTC1553_15 Datasheet HTML 2Page - Linear Technology LTC1553_15 Datasheet HTML 3Page - Linear Technology LTC1553_15 Datasheet HTML 4Page - Linear Technology LTC1553_15 Datasheet HTML 5Page - Linear Technology LTC1553_15 Datasheet HTML 6Page - Linear Technology LTC1553_15 Datasheet HTML 7Page - Linear Technology LTC1553_15 Datasheet HTML 8Page - Linear Technology LTC1553_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5
LTC1553
TYPICAL PERFORMANCE CHARACTERISTICS
Soft Start Source Current
vs Temperature
TEMPERATURE (
°C)
–50
250
260
280
290
300
350
320
0
50
75
1553 G10
270
330
340
310
–25
25
100
125
Oscillator Frequency
vs Temperature
TEMPERATURE (
°C)
–50
–9
–8
–7
25
75
1553 G12
–10
–11
–25
0
50
100
125
–12
–13
IMAX Sink Current
vs Temperature
TEMPERATURE (
°C)
–50
150
160
170
180
220
200
–25
25
50
125
1553 G11
210
190
0
75
100
VCC Shutdown Supply Current
vs Temperature
TEMPERATURE (
°C)
–50
25
75
1553 G13
–25
0
50
100
125
88
90
92
86
84
82
80
78
OSCILLATOR FREQUENCY = 300kHz
G1, G2 CAPACITANCE = 1100pF
5500pF
7700pF
2200pF
3300pF
Maximum G1 Duty Cycle
vs Temperature
VCC Operating Supply Current
vs Temperature
TEMPERATURE (
°C)
–50
0.9
1.0
1.2
25
75
1553 G14
0.8
0.7
–25
0
50
100
125
0.6
0.5
1.1
VCC = 5V
fOSC = 300kHz
TEMPERATURE (
°C)
–50
225
25
1553 G15
150
100
–25
0
50
75
50
250
200
175
125
75
100
125
GATE CAPACITANCE (pF)
0
40
50
60
6000
1553 G16
30
20
2000
4000
8000
10
0
70
PVCC = 12V
TA = 25°C
PVCC Supply Current
vs Gate Capacitance
OUTPUT CURRENT (A)
0
0
0.5
1.5
2.0
2.5
4
8
10
18
1553 G17
1.0
26
12
14
16
3.0
Q1 CASE = 90
°C, VOUT = 2.8V
Q1 = 2
× MTD20N03HDL
Q2 = 1
× MTD20N03HDL
RIMAX = 2.7k, RIFB = 20Ω,
SS CAP = 0.01
µF
SHORT-CIRCUIT
CURRENT
Output Over Current Protection
50mV/DIV
5A/DIV
100
µs/DIV
1553 G18
Transient Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com