Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1553 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1553
Description  5-Bit Programmable Synchronous Switching Regulator Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1553 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1553_15 Datasheet HTML 7Page - Linear Technology LTC1553_15 Datasheet HTML 8Page - Linear Technology LTC1553_15 Datasheet HTML 9Page - Linear Technology LTC1553_15 Datasheet HTML 10Page - Linear Technology LTC1553_15 Datasheet HTML 11Page - Linear Technology LTC1553_15 Datasheet HTML 12Page - Linear Technology LTC1553_15 Datasheet HTML 13Page - Linear Technology LTC1553_15 Datasheet HTML 14Page - Linear Technology LTC1553_15 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
11
LTC1553
APPLICATIONS INFORMATION
Soft Start and Current Limit
The LTC1553 includes a soft start circuit which is used for
initial start-up and during current limit operation. The SS
pin requires an external capacitor to GND with the value
determined by the required soft start time. An internal
10
µA current source is included to charge the external SS
capacitor. During start-up, the COMP pin is clamped to a
diode drop above the voltage at the SS pin. This prevents
the error amplifier, ERR, from forcing the loop to maxi-
mum duty cycle. The LTC1553 will begin to operate at low
duty cycle as the SS pin rises above about 1.2V (VCOMP ≈
1.8V). As SS continues to rise, QSS turns off and the error
amplifier begins to regulate the output. The MIN compara-
tor is disabled when soft start is active to prevent it from
overriding the soft start function.
The LTC1553 includes yet another feedback loop to con-
trol operation in current limit. Just before every falling
edge of G1, the current comparator, CC, samples and
holds the voltage drop measured across the external
MOSFET, Q1, at the IFB pin. Note that when VIN = 12V, the
IFB pin requires an external Zener to GND to prevent
voltage transients at the switching node between Q1 and
Q2 from damaging internal structures. CC compares the
voltage at IFB to the voltage at the IMAX pin. As the peak
current rises, the measured voltage across Q1 increases
due to the drop across the RDS(ON) of Q1. When the voltage
at IFB drops below IMAX, indicating that Q1’s drain current
has exceeded the maximum level, CC starts to pull current
out of the external soft start capacitor, cutting the duty
cycle and controlling the output current level. The CC
comparator pulls current out of the SS pin in proportion to
the voltage difference between IFB and IMAX. Under minor
overload conditions, the SS pin will fall gradually, creating
a time delay before current limit takes effect. Very short,
mild overloads may not affect the output voltage at all.
More significant overload conditions will allow the SS pin
to reach a steady state, and the output will remain at a
reduced voltage until the overload is removed. Serious
overloads will generate a large overdrive at CC, allowing it
to pull SS down quickly and preventing damage to the
output components.
By using the RDS(ON) of Q1 to measure the output current,
the current limiting circuit eliminates an expensive dis-
crete sense resistor that would otherwise be required. This
helps minimize the number of components in the high
current path. Due to switching noise and variation of
RDS(ON), the actual current limit trip point is not highly
accurate. The current limiting circuitry is primarily meant
to prevent damage to the power supply circuitry during
fault conditions. The exact current level where the limiting
circuit begins to take effect will vary from unit to unit as the
RDS(ON) of Q1 varies.
For a given current limit level, the external resistor from
IMAX to VIN can be determined by:
R
IR
I
IMAX
LMAX
DS ON Q
IMAX
= ()(
)
() 1
where,
II
I
LMAX
LOAD
RIPPLE
=+
2
ILOAD = Maximum load current
IRIPPLE = Inductor ripple current
=
−
()( )
()( )( )
VV
V
fL
V
IN
OUT
OUT
OSC
O
IN
fOSC = LTC1553 oscillator frequency = 300kHz
LO = Inductor value
RDS(ON)Q1 = Hot on-resistance of Q1 at ILMAX
IIMAX = Internal 180µA sink current at IMAX
Q1
180
µA
G1
Q2
CIN
LO
VOUT
1553 F05
COUT
RIMAX
VIN
–
+
CC
G2
20
Ω
LTC1553
IMAX
IFB
8
7
+
+
Figure 5. Current Limit Setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com