Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1553 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1553
Description  5-Bit Programmable Synchronous Switching Regulator Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1553 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1553_15 Datasheet HTML 5Page - Linear Technology LTC1553_15 Datasheet HTML 6Page - Linear Technology LTC1553_15 Datasheet HTML 7Page - Linear Technology LTC1553_15 Datasheet HTML 8Page - Linear Technology LTC1553_15 Datasheet HTML 9Page - Linear Technology LTC1553_15 Datasheet HTML 10Page - Linear Technology LTC1553_15 Datasheet HTML 11Page - Linear Technology LTC1553_15 Datasheet HTML 12Page - Linear Technology LTC1553_15 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
9
LTC1553
Table 3. Rated Output Voltage (cont)
INPUT PIN
RATED OUTPUT
VID4
VID3
VID2
VID1
VID0
VOLTAGE (V)
FU CTIO TABLES
Table 1. OT Logic
OUTEN (V)
OT*
< 2
0
> 2
1
Table 2. PWRGD and FAULT Logic
INPUT
OUTPUT*
OUTEN
VSENSE**
OT
FAULT
PWRGD
0
X
010
1
< 95%
1
1
0
1
> 95%
1
1
1
< 105%
1
>105%
1
1
0
1
> 115%
1
0
0
Table 3. Rated Output Voltage
INPUT PIN
RATED OUTPUT
VID4
VID3
VID2
VID1
VID0
VOLTAGE (V)
0
1111
Disabled † (1.30)
0
1110
Disabled † (1.35)
0
1101
Disabled † (1.40)
0
1100
Disabled † (1.45)
0
1011
Disabled † (1.50)
0
1010
Disabled † (1.55)
0
1001
Disabled † (1.60)
0
1000
Disabled † (1.65)
0
0111
Disabled † (1.70)
0
0110
Disabled † (1.75)
0
0101
1.80
0
0100
1.85
0
0011
1.90
0
0010
1.95
0
0001
2.00
0
0000
2.05
1
1111
SHDN
1
1110
2.1
1
1101
2.2
1
1100
2.3
1
1011
2.4
1
1010
2.5
1
1001
2.6
1
1000
2.7
1
0111
2.8
1
0110
2.9
1
0101
3.0
1
0100
3.1
1
0011
3.2
1
0010
3.3
1
0001
3.4
1
0000
3.5
* With external pull-up resistor
** With respect to the output voltage selected in Table 3 as required by
Intel Specification VRM 8.2
† These code selections are disabled in LTC1553
X Don’t care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com