Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1553 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1553
Description  5-Bit Programmable Synchronous Switching Regulator Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1553 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1553_15 Datasheet HTML 4Page - Linear Technology LTC1553_15 Datasheet HTML 5Page - Linear Technology LTC1553_15 Datasheet HTML 6Page - Linear Technology LTC1553_15 Datasheet HTML 7Page - Linear Technology LTC1553_15 Datasheet HTML 8Page - Linear Technology LTC1553_15 Datasheet HTML 9Page - Linear Technology LTC1553_15 Datasheet HTML 10Page - Linear Technology LTC1553_15 Datasheet HTML 11Page - Linear Technology LTC1553_15 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
8
LTC1553
TEST CIRCUITS
Figure 4
VCC
5V
PVCC
12V
0.1
µF
10
µF
G2 RISE/FALL
G1 RISE/FALL
5000pF
5000pF
SGND
GND
SENSE
10
µF
G2
G1
0.1
µF
VCC
IFB
LTC1553
PVCC
1553 F04
90%
tr
tf
tNOL
tNOL
50%
10%
50%
50%
90%
50%
10%
+
+
10k
OUTEN
PWRGD
FAULT
OT
COMP
SS
SGND
GND
SENSE
10
µF
NC
NC
NC
NC
NC
NC
NC
NC
0.1
µF
VCC
VCC
VCC
VID0 VID1 VID2 VID3 VID4
VID0 VID1 VID2 VID3 VID4
IFB
PVCC
LTC1553
PVCC
G1
IMAX
G2
1553 F03
0.1
µF
10
µF
+
+
10k
Figure 3
OUTEN
PWRGD
FAULT
OT
VID0 TO VID4
COMP
SS
SGND
GND
SENSE
Q1*
NC
Q2*
VCC
IFB
PVCC
12V
VCC
5V
PVCC
VIN
5V
LO†
2
µH
15A
LTC1553
G1
IMAX
G2
0.1
µF
1553 F02
CC
0.01
µF
RC
8.2k
3k
100pF
0.1
µF
0.1
µF
0.1
µF
10
µF
10
µF
VOUT
+
C1
150pF
10k
3k
3k
+
+
VID0 TO VID4
100pF
100pF
+
CIN**
1200
µF
× 4
*SILICONIX SUD50N03-10
**SANYO 10MV1200GX
†COILTRONICS CTX02-13198 OR
PANASONIC 12TS-2R5SP
†† AVX TPSE337M006R0100
COUT††
330
µF
× 7
Figure 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com