Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1553 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC1553
Description  5-Bit Programmable Synchronous Switching Regulator Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1553 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC1553_15 Datasheet HTML 10Page - Linear Technology LTC1553_15 Datasheet HTML 11Page - Linear Technology LTC1553_15 Datasheet HTML 12Page - Linear Technology LTC1553_15 Datasheet HTML 13Page - Linear Technology LTC1553_15 Datasheet HTML 14Page - Linear Technology LTC1553_15 Datasheet HTML 15Page - Linear Technology LTC1553_15 Datasheet HTML 16Page - Linear Technology LTC1553_15 Datasheet HTML 17Page - Linear Technology LTC1553_15 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
14
LTC1553
APPLICATIONS INFORMATION
PMAX should be calculated based primarily on required
efficiency or allowable thermal dissipation. A typical high
efficiency circuit designed for Pentium II with a 5V input
and a 2.8V, 11.2A output might allow no more than 4%
efficiency loss at full load for each MOSFET. Assuming
roughly 90% efficiency at this current level, this gives a
PMAX value of:
[(2.8)(11.2A/0.9)(0.04)] = 1.39W per FET
and a required RDS(ON) of:
R
VW
VA
R
VW
VV
A
DS ON Q
DS ON Q
()
()
= ()(
)
()( )
=
=
()(
)
−
()( )
=
1
2
2
2
51 39
2 8
11 2
0 019
51 39
52 8
11 2
0 025
.
..
.
.
..
.
Ω
Ω
Note also that while the required RDS(ON) values suggest
large MOSFETs, the dissipation numbers are only 1.39W
per device or less––large TO-220 packages and heat sinks
are not necessarily required in high efficiency applica-
tions. Siliconix Si4410DY or International Rectifier IRF7413
(both in SO-8) or Siliconix SUD50N03 or Motorola
MTD20N03HDL (both in D PAK) are small footprint sur-
face mount devices with RDS(ON) values below 0.03Ω at 5V
of gate drive that work well in LTC1553 circuits. With
higher output voltages, the RDS(ON) of Q1 may need to be
significantly lower than that for Q2. These conditions can
often be met by paralleling two MOSFETs for Q1 and using
a single device for Q2. Note that using a higher PMAX value
in the RDS(ON) calculations will generally decrease MOSFET
cost and circuit efficiency while increasing MOSFET heat
sink requirements.
The LTC1553 designs that use a 5V VIN voltage and a
doubler charge pump to generate PVCC will not provide
enough drive voltage to fully enhance standard power
MOSFETs. Under this condition, the effective MOSFET
RDS(ON) may be quite high, raising the dissipation in the
FETs and reducing efficiency. Logic level FETs are a better
choice for 5V-only systems as shown in Figure 7 or 12V
input systems using the 17V charge pump of Figure 9.
They can be fully enhanced with the generated charge
pump voltage and will operate at maximum efficiency.
Note that doubler charge pump designs running from
supplies higher than 5V, and all tripler charge pump
designs, should include a Zener clamp diode at PVCC to
prevent transients from exceeding the absolute maximum
rating at that pin. See the MOSFET Gate Drive section for
more charge pump information.
Once the threshold voltage has been selected, RDS(ON)
should be chosen based on input and output voltage,
allowable power dissipation and maximum required out-
put current. In a typical LTC1553 buck converter circuit
the average inductor current is equal to the output load
current. This current is always flowing through either Q1
or Q2 with the power dissipation split up according to the
duty cycle:
DC Q
V
V
DC Q
V
V
VV
V
OUT
IN
OUT
IN
IN
OUT
IN
1
21
()=
()=−
=
−
()
The RDS(ON) required for a given conduction loss can now
be calculated by rearranging the relation P = I2R.
R
P
DC Q
I
VP
VI
R
P
DC Q
I
VP
VV
I
DS ON Q
MAX Q
MAX
IN
MAX Q
OUT
MAX
DS ON Q
MAX Q
MAX
IN
MAX Q
IN
OUT
MAX
()
()
()
()
()
()
=
()
[]()
=
()


()( )
=
()
[]()
=
()


−
()( )
1
1
2
1
2
2
2
2
2
2
1
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com