Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD78323LP Datasheet(PDF) 28 Page - NEC

Part # UPD78323LP
Description  16/8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78323LP Datasheet(HTML) 28 Page - NEC

Back Button UPD78323LP Datasheet HTML 24Page - NEC UPD78323LP Datasheet HTML 25Page - NEC UPD78323LP Datasheet HTML 26Page - NEC UPD78323LP Datasheet HTML 27Page - NEC UPD78323LP Datasheet HTML 28Page - NEC UPD78323LP Datasheet HTML 29Page - NEC UPD78323LP Datasheet HTML 30Page - NEC UPD78323LP Datasheet HTML 31Page - NEC UPD78323LP Datasheet HTML 32Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 86 page
background image
28
µPD78323, 78324
Table 2-2. List of Special Function Registers (4/4)
FFF0H
FFF1H
FFF2H
FFF3H
FFF4H
FFF5H
FFF8H
FFF9H
q
q
q
q
q
q
q
q
q
q
q
q
––
––
q
q
q
q
q
q
q
q
––
q
q
q
q
q
q
Context switching enable register 0L
Context switching enable register 0H
Context switching enable register 1L
––
External interupt mode register 0
External interupt mode register 1
In-service priority register
Priority specify register
1 bit
8 bits
16 bits
Address
Special Function Register (SFR) Name
R/W
On Reset
Symbol
Manipulable Bit Unit
INTM0
INTM1
ISPR
PRSL
CSE0L
CSE0H
CSE1L
––
CSE0
CSE1
q
q
q
q
––
––
––
––
00H
––
00H
R/W
R
R/W
2.3
DATA MEMORY ADDRESSING
In the
µPD78324, the internal RAM space (FB00H to FEFFH) and the special function register area (FF00H to FFFFH)
are mapped in the FB00H to FFFFH area. In the FE20H to FF1FH space of the data memory, short direct addressing enables
direct addressing by 1-byte data in an instruction word.
Figure 2-6. Data Memory Addressing Space
Note When EA = L, and with the
µPD78323, this is external memory.
Caution For word access (including stack operations) to the main RAM area (FE00H-FEFFH), the address that
specifies the operand must be an even value.
FFFFH
FF1FH
FF00H
FEFFH
FE80H
FE00H
FB00H
7FFFH
0000H
Special Function Register
(SFR)
Main RAM
External Memory
General Register
Internal ROMNote
SFR Addressing
Register Addressing
Short Direct Addressing
Direct Addressing
Register Indirect Addressing
Based Addressing
Paste Indexed Addressing
Paste Indexed Addressing
(Provided with Displacement)
FE20H
Peripheral RAM
FDFFH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com