Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD78323LP Datasheet(PDF) 22 Page - NEC

Part # UPD78323LP
Description  16/8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78323LP Datasheet(HTML) 22 Page - NEC

Back Button UPD78323LP Datasheet HTML 18Page - NEC UPD78323LP Datasheet HTML 19Page - NEC UPD78323LP Datasheet HTML 20Page - NEC UPD78323LP Datasheet HTML 21Page - NEC UPD78323LP Datasheet HTML 22Page - NEC UPD78323LP Datasheet HTML 23Page - NEC UPD78323LP Datasheet HTML 24Page - NEC UPD78323LP Datasheet HTML 25Page - NEC UPD78323LP Datasheet HTML 26Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 86 page
background image
22
µPD78323, 78324
(4)
CPU control word (CCW)
This is an 8-bit register consisting of CPU control related flags. It is mapped in the special function register area and can
be controlled by the software.
All bits are reset to 0 by RESET input.
Figure 2-4. CCW Format
• Table position flag (TPF)
This flag is used to specify the interrupt vector table area and the memory area used as CALLT instruction table area.
As TPF has been reset to 0 after application of RESET input, the 0000H to 007FH address is used as each table area.
The 8002H to 807FH address of the external memory area in place of 0002H to 007FH address can be used as each table
area by setting TPF to 1 using the software. The vector tables of the BRK instruction, operation code trap interrupt and reset
input are fixed to 003EH, 003CH and 0000H, respectively, and they are not affected by TPF.
2.2.2
General Registers
These are 128-byte registers mapped in the special area (FE80H to FEFFH) of the internal RAM space. They consist
of eight register banks. The general register in the bank consists of sixteen 8-bit registers.
Figure 2-5. General Register Memory Location
76
54321
0
00
0000
TPF
0
CCW
(FH)
RP7
(EH)
(DH)
RP6
(CH)
(BH)
RP5
(AH)
(9H)
RP4
(8H)
(7H)
RP3
(6H)
(5H)
RP2
(4H)
(3H)
RP1
(2H)
(1H)
RP0
(0H)
R15
R14
R13
R12
R11
R10
R9
R8
R7
R6
R5
R4
R3
R2
R1
R0
70 7
0
15
0
RBNK0
RBNK1
RBNK2
RBNK3
RBNK4
RBNK5
RBNK6
RBNK7
FEFFH
FE80H
8-Bit Processing
16-Bit Processing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com