Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD78323LP Datasheet(PDF) 48 Page - NEC

Part # UPD78323LP
Description  16/8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78323LP Datasheet(HTML) 48 Page - NEC

Back Button UPD78323LP Datasheet HTML 44Page - NEC UPD78323LP Datasheet HTML 45Page - NEC UPD78323LP Datasheet HTML 46Page - NEC UPD78323LP Datasheet HTML 47Page - NEC UPD78323LP Datasheet HTML 48Page - NEC UPD78323LP Datasheet HTML 49Page - NEC UPD78323LP Datasheet HTML 50Page - NEC UPD78323LP Datasheet HTML 51Page - NEC UPD78323LP Datasheet HTML 52Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 86 page
background image
48
µPD78323, 78324
7.
OPERATION AFTER RESET
If the RESET input pin is set to the low level, the system reset is applied and each hardware becomes as initialized status
(reset status). If RESET input becomes high level, program execution is started. Initialize the contents of various registers
in the program as required.
Change the number of cycles for the programmable wait register and the fetch cycle control register in particular.
The RESET input pin is equipped with an analog delay noise suppressor to prevent malfunctioning due to noise.
Cautions 1. While RESET is active(low level), all pins remain high impedance (except WDTO, AVREF, AVDD, AVSS,
VDD, VSS, X1 and X2).
2. If RAM has been expanded externally, mount a pull-up resistor to the P90/RD and P91/WR pins. It is
possible that the P90/RD and P91/WR pins become high impedance resulting in an external RAM
contents corruption or input unit damage. In addition, signals may collide on the address/data bus,
resulting in the destruction of the input/output circuit.
Figure 7-1. Reset Signal Acknowledge
For reset operation upon power-up, secure the oscillation stabilizing time of about 40 msec from power-up to reset
acknowledge as shown in Figure 7-2.
Figure 7-2. Reset Upon Power-Up
RESET Input
Analog
Delay
Removed
as Noise
Analog
Delay
Reset
Acknowl-
edged
Analog
Delay
Reset
Release
Oscillation
Stabilizing
Time
Analog
Delay
Reset
Release
VDD
RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com