Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD78323LP Datasheet(PDF) 49 Page - NEC

Part # UPD78323LP
Description  16/8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78323LP Datasheet(HTML) 49 Page - NEC

Back Button UPD78323LP Datasheet HTML 45Page - NEC UPD78323LP Datasheet HTML 46Page - NEC UPD78323LP Datasheet HTML 47Page - NEC UPD78323LP Datasheet HTML 48Page - NEC UPD78323LP Datasheet HTML 49Page - NEC UPD78323LP Datasheet HTML 50Page - NEC UPD78323LP Datasheet HTML 51Page - NEC UPD78323LP Datasheet HTML 52Page - NEC UPD78323LP Datasheet HTML 53Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 86 page
background image
49
µPD78323, 78324
8.
INSTRUCTION SET
This chapter covers instruction operations.
For the operation codes and the number of instruction execution clock cycles, see
µPD78322 User’s Manual (IEU-1248).
(1) Operand representation format and description method
In each instruction operand column, enter the operand using the description method for the instruction operand
representation format (refer to the assembler specification for details). If two or more factors are included in the description
method column, select one factor. The capital alphabetic letters and +, -, #, $, ! and [ ] symbols are keywords and should
be described as they are.
In case of immediate data, describe appropriate numeric values or labels. When describing labels, make sure to describe
#, $, ! and [ ] symbols.
Table 8-1. Operand Representation and Description Method
r
R0, R1, R2, R3, R4, R5, R6, R7, R8, R9, R10, R11, R12, R13, R14, R15
r1
R0, R1, R2, R3, R4, R5, R6, R7
r2
C, B
rp
RP0, RP1, RP2, RP3, RP4, RP5, RP6, RP7
rp1
RP0, RP1, RP2, RP3, RP4, RP5, RP6, RP7
rp2
DE, HL, VP, UP
sfr
Special function register code (see Table 2-2)
sfrp
Special function register code (16-bit operation enable register; see Table 2-2)
RP0, RP1, RP2, RP3, RP4, RP5/PSW, RP6, RP7
post
(Two or more instructions can be described. Only PUSH and POP instructions can be
described for RP5 and only PUSHU and POPU instructions can be described for PSW.)
[DE], [HL], [DE+], [HL+], [DE-], [HL-], [VP], [UP]
; Register indirect mode
[DE+A], [HL+A], [DE+B], [HL+B], [VP+DE], [VP+HL]
; Based indexed mode
[DE+byte], [HL+byte], [VP+byte], [UP+byte], [SP+byte] ; Based mode
word[A], word[B], word[DE], word[HL]
; Index mode
saddr
FE20H to FF1FH Immediate data or label
saddrp
FE20H to FF1EH Immediate data (bit0 = 0) or label (for 16-bit operation)
$addr16
0000H to FDFFH Immediate data or label; relative addressing
!addr16
0000H to FDFFH Immediate data or label; immediate addressing
(Up to FFFFH describable by MOV instruction)
addr11
800H to FFFH Immediate data or label
addr5
40H to 7EH Immediate data (bit0 = 0)Note or label
word
16-bit immediate data or label
byte
8-bit immediate data or label
bit
3-bit immediate data or label
n
3-bit immediate data (0 to 7)
Note Do not make work access to bit0 = 1 (odd address).
Remarks
1.
Although rp and rp1 have the same describable register names, they generate different codes.
2.
r, r1, rp, rp1 and post can be described with absolute names (R0 to R15, RP0 to RP7) as well as functional
names (X, A, C, B, E, D, L, H, AX, BC, DE, HL, VP, UP (refer to Table 2-1 for details of the relationships
between the absolute and functional names).
3.
Immediate addressing is enabled for all spaces. Relative addressing is only enabled from the first address
of the subsequent instruction to the range of –128 to +127.
mem
Representation
Format
Description Method



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com