Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD78323LP Datasheet(PDF) 69 Page - NEC

Part # UPD78323LP
Description  16/8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78323LP Datasheet(HTML) 69 Page - NEC

Back Button UPD78323LP Datasheet HTML 65Page - NEC UPD78323LP Datasheet HTML 66Page - NEC UPD78323LP Datasheet HTML 67Page - NEC UPD78323LP Datasheet HTML 68Page - NEC UPD78323LP Datasheet HTML 69Page - NEC UPD78323LP Datasheet HTML 70Page - NEC UPD78323LP Datasheet HTML 71Page - NEC UPD78323LP Datasheet HTML 72Page - NEC UPD78323LP Datasheet HTML 73Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 86 page
background image
69
µPD78323, 78324
SERIAL OPERATION (TA = –10 to +70
°C, VDD = +5 V ±10 %, VSS = 0 V)
Parameter
Symbol
Test Conditions
MIN.
MAX.
Unit
SCK output
Internal division by 8
1
µs
SCK input
External clock
1
µs
SCK output
Internal division by 8
420
ns
SCK input
External clock
420
ns
SCK output
Internal division by 8
420
ns
SCK input
External clock
420
ns
SI setup time (to SCK
↑)tSRXSK
80
ns
SI hold time (from SCK
↑)tHSKRX
80
ns
SO delay time from SCK
↓
tDSKTX
R = 1 k
Ω, C = 100 pF
210
ns
Serial clock cycle time
Serial clock low-level width
Serial clock high-level width
tCYSK
tWSKL
tWSKH
Parameter
Symbol
Test Conditions
MIN.
MAX.
Unit
NMI high/low-level width
tWNIH,tWNIL
5
µs
INTP0 high/low-level width
tWI0H,tWI0L
8T
tCYK
INTP1 high/low-level width
tWI1H,tWI1L
8T
tCYK
INTP2 high/low-evel width
tWI2H,tWI2L
8T
tCYK
NTP3 high/low-level width
tWI3H,tWI3L
8T
tCYK
NTP4 high/low-level width
tWI4H,tWI4L
8T
tCYK
INTP5 high/low-level width
tWI5H,tWI5L
8T
tCYK
INTP6 high/low-level width
tWI6H,tWI6L
8T
tCYK
RESET high/low-level width
tWRSH,tWRSL
5
µs
TI high/low-level width
tWTIH,tWTIL
In TM1 event counter mode
8T
tCYK
OTHER OPERATION (TA = –10 to +70
°C, VDD = +5 V ±10 %, VSS = 0 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com