Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD78323LP Datasheet(PDF) 6 Page - NEC

Part # UPD78323LP
Description  16/8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78323LP Datasheet(HTML) 6 Page - NEC

Back Button UPD78323LP Datasheet HTML 2Page - NEC UPD78323LP Datasheet HTML 3Page - NEC UPD78323LP Datasheet HTML 4Page - NEC UPD78323LP Datasheet HTML 5Page - NEC UPD78323LP Datasheet HTML 6Page - NEC UPD78323LP Datasheet HTML 7Page - NEC UPD78323LP Datasheet HTML 8Page - NEC UPD78323LP Datasheet HTML 9Page - NEC UPD78323LP Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 86 page
background image
µPD78323, 78324
6
GENERAL DESCRIPTION OF FUNCTIONS
• ROM : 32K bytes (
µPD78324)
None (
µPD78323)
• RAM : 1K bytes
64K bytes
8 bits
× 16 × 8 banks (memory mapping)
• Input port
: 16 (dual-function as analog input: 8)
• Input/output port : 39 (
µPD78324)
21 (
µPD78323)
• 18/16-bit free running timer
× 1
• 16-bit timer/event counter
× 1
• 16-bit compare register
× 6
• 18-bit capture register
× 4
• 18-bit capture/compare register
× 2
• Realtime output port
× 8
Serial interface with a dedicated baud rate generator
• UART
: 1 channel
• SBI (NEC Serial Bus Interface) : 1 channel
10-bit resolution (8 analog inputs)
• External : 8, internal : 14 (dual-function as external : 2)
• 3 processing modes
(vectored interrupt function, context switching function, and macro service function)
Internal : 1
STOP mode/HALT mode
16-bit transfer/operation instruction, multiplication/division instruction (16
× 16, 32 ÷ 16), bit manipu-
lation instruction, string instruction, etc.
On-chip watchdog timer
• 68-pin plastic QFJ (
950 mil)
• 74-pin plastic QFP (20
× 20 mm)
Basic instructions
Minimum instruction
execution time
Memory space
General registers
A/D converter
Interrupt
Test factor
Standby
Instruction set
Others
Package
250 ns (with 16 MHz external clock in operation)
Internal memory
I/O line
Real-time pulse unit
Serial communication
interface
111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com