Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD78323LP Datasheet(PDF) 64 Page - NEC

Part # UPD78323LP
Description  16/8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78323LP Datasheet(HTML) 64 Page - NEC

Back Button UPD78323LP Datasheet HTML 60Page - NEC UPD78323LP Datasheet HTML 61Page - NEC UPD78323LP Datasheet HTML 62Page - NEC UPD78323LP Datasheet HTML 63Page - NEC UPD78323LP Datasheet HTML 64Page - NEC UPD78323LP Datasheet HTML 65Page - NEC UPD78323LP Datasheet HTML 66Page - NEC UPD78323LP Datasheet HTML 67Page - NEC UPD78323LP Datasheet HTML 68Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 86 page
background image
64
µPD78323, 78324
OSCILLATOR CHARACTERISTICS (TA = –10 to +70
°C, VDD = +5 V ±10 %, VSS = 0 V)
Parameter
Oscillation frequency (fXX)
X1 input frequency (fX)
X1 input rise/fall time (tXR, tXF)
X1 input high/low level width
(tWXH , tWXL)
MIN.
8
8
0
25
Unit
MHz
MHz
ns
ns
MAX.
16
16
20
80
Recommended Circuit
or
X1
X2
HCMOS
Invertor
Resonator
Ceramic resonator
or
crystal resonator
External clock
X1
X2
HCMOS
Invertor
Open
X1
X2
C1
C2
VSS
Caution
When using the system clock oscillation circuit, wire the part encircled in the dotted line in the following
manner to avoid the influence of the wiring capacity, etc.
• Make the wiring as short as possible.
• Avoid intersecting other signal conductors. Avoid approaching lines in which very high fluctuating
currents run.
• Make sure that the grounding point of the oscillation circuit capacitor always has the same electrical
potential as VSS. Avoid grounding with a grand pattern in which very high currents run.
• Do not fetch signals from the oscillation circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com