Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD78323LP Datasheet(PDF) 20 Page - NEC

Part # UPD78323LP
Description  16/8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78323LP Datasheet(HTML) 20 Page - NEC

Back Button UPD78323LP Datasheet HTML 16Page - NEC UPD78323LP Datasheet HTML 17Page - NEC UPD78323LP Datasheet HTML 18Page - NEC UPD78323LP Datasheet HTML 19Page - NEC UPD78323LP Datasheet HTML 20Page - NEC UPD78323LP Datasheet HTML 21Page - NEC UPD78323LP Datasheet HTML 22Page - NEC UPD78323LP Datasheet HTML 23Page - NEC UPD78323LP Datasheet HTML 24Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 86 page
background image
20
µPD78323, 78324
2.2.1
Control Register
The control registers carry out dedicated functions such as control of the program sequence, status and stack memory,
and modification of operand addressing. They consist of three 16-bit registers and one 8-bit register.
(1)
Program counter (PC)
This is a 16-bit register which holds the address information of the next program to be executed. It is normally incremented
according to the number of bytes of the instruction to be fetched. If an instruction with data branch is executed, immediate
data and the register content are set. RESET input sets and branches the data of 0000H and 0001H reset vector tables
in the PC.
(2)
Program status word (PSW)
This is a 16-bit register consisting of various flags which are set or reset by the result of instruction execution. Read/
write access is carried out in units of the higher 8 bits (PSWH) or lower 8 bits (PSWL). Each flag can be operated using
the bit operation instruction. If an interrupt request is made or BRK instruction is executed, data is automatically saved in
the stack and is recovered by RETI or RETB instruction.
All bits are reset to 0 by RESET input.
Figure 2-3. PSW Format
(a)
Interrupt priority level transition flag (LT)
7
65432
10
UF
RBS2 RBS1 RBS0
0
0
0
0
7654
3210
S
Z
RSS
AC
IE
P/V
LT
CY
This flag is used to control the interrupt priority. For normal operation of the interrupt control circuit, this bit must
not be operated by a program.
(b) Carry flag (CY)
If a carry is generated out of bit 7 or 15 as a result of the execution of an operation instruction or a borrow is generated
into bit 7 or 15, this flag is set to 1. In all other cases, this flag is reset to 0. This flag can be tested by the conditional
branch instruction.
When a bit control instruction is executed, this flag functions as a bit accumulator.
(c) Zero flag (Z)
When the operation result is zero, this flag is set to 1. In all other cases, this flag is reset to 0. This flag can be tested
by the conditional branch instruction.
(d) Sign flag (S)
When MSB of the operation result is “1”, this flag is set to 1. When the MSB is “0”, this flag is reset to 0. This flag
can be tested by the conditional branch instruction.
(e)
Parity/overflow flag (P/V)
Only when an overflow or underflow occurs as two’s complement during execution of an arithmetic operation
instruction, this flag is set to 1. In all other cases, it is reset to 0 (overflow flag operation).
If the bit number of the operation result set to 1 is even during execution of an logic operation instruction, this flag
is set to 1. If the bit number is odd, this flag is reset to 0 (parity flag operation).
This flag can be tested by the conditional branch instruction.
PSWH
PSWL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com