Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD78323LP Datasheet(PDF) 8 Page - NEC

Part # UPD78323LP
Description  16/8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78323LP Datasheet(HTML) 8 Page - NEC

Back Button UPD78323LP Datasheet HTML 4Page - NEC UPD78323LP Datasheet HTML 5Page - NEC UPD78323LP Datasheet HTML 6Page - NEC UPD78323LP Datasheet HTML 7Page - NEC UPD78323LP Datasheet HTML 8Page - NEC UPD78323LP Datasheet HTML 9Page - NEC UPD78323LP Datasheet HTML 10Page - NEC UPD78323LP Datasheet HTML 11Page - NEC UPD78323LP Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 86 page
background image
BCU
ROM/RAM
SYSTEM
CONTROL
&
BUS
CONTROL
&
PREFETCH
CONTROL
ROMNote
32K
bytes
Peripheral
RAM
768
bytes
EXU
ALU
GENERAL
REGISTERS
128 bytes
&
DATA
MEMORY
128 bytes
MICRO SEQUENCE
CONTROL
MICRO ROM.
Main RAM
PROGRAMMABLE
INTERRUPT
CONTROLLER
TIMER/COUNTER UNIT
(REALTIME PULSE UNIT)
SERIAL INTERFACE
(SBI)
(UART)
(P20) NMI
INTP0–INTP5
(P21–P26)
(P80) TO00
(P81) TO01
(P82) TO02
(P83) TO03
(P84) TO10
(P85) TO11
(P27) TI/INTP6
(P34) SCK
(P32) SO/SB0
(P33) SI/SB1
(P30) TXD
(P31) RXD
WDT
A/D CONVERTER
(10 BIT)
PORT
VDD
VSS
AD0–AD7 (P40–P47)
A8–A15 (P50–P57)
EA
TMD (P93)
TAS (P92)
WR (P91)
RD (P90)
ASTB
RESET
X2
X1
Note The
µPD78323 does not incorporate ROM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com