Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1753 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1753
Description  5-Bit Programmable Synchronous Switching Regulator Controller for Pentium III Processor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1753 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1753_15 Datasheet HTML 3Page - Linear Technology LTC1753_15 Datasheet HTML 4Page - Linear Technology LTC1753_15 Datasheet HTML 5Page - Linear Technology LTC1753_15 Datasheet HTML 6Page - Linear Technology LTC1753_15 Datasheet HTML 7Page - Linear Technology LTC1753_15 Datasheet HTML 8Page - Linear Technology LTC1753_15 Datasheet HTML 9Page - Linear Technology LTC1753_15 Datasheet HTML 10Page - Linear Technology LTC1753_15 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
7
LTC1753
1753fa
COMP (Pin 10): External Compensation. The COMP pin is
connected directly to the output of the error amplifier and
the input of the PWM comparator. An RC + C network is
used at this node to compensate the feedback loop to
provide optimum transient response.
VFB (Pin 11): Voltage Feedback. VFB is the tap point of the
internal resistor divider connected from SENSE to SGND.
During rapid and heavy output loading conditions, a small
capacitor between the SENSE and VFB pin creates a feed-
forward path that reduces the transient recovery time. For
applications where extremely low output ripple is re-
quired, low ESR capacitors are typically used. In this case,
a small capacitor between SENSE and VFB helps to com-
pensate the switching loop. This pin can be left floating,
but should be isolated from high current switching nodes.
FAULT (Pin 12): Overvoltage Fault. FAULT is an open-
drain output. If VOUT reaches 13% above the nominal
output voltage, FAULT will go low and G1 and G2 will be
disabled. Once triggered, the LTC1753 will remain in this
state until the power supply is recycled or the OUTEN pin
is toggled. If OUTEN = 0, FAULT floats or is pulled high by
an external resistor.
PWRGD (Pin 13): Power Good. This is an open-drain
signal to indicate validity of output voltage. A high indi-
cates that the output has settled to within
±3% of the rated
output for more than 1ms. PWRGD will go low if the output
is out of regulation for more than 500
µs. If OUTEN = 0,
PWRGD pulls low.
VID0, VID1, VID2, VID3, VID4 (Pins 18, 17, 16, 15, 14):
Digital Voltage Select. TTL inputs used to set the regulated
output voltage required by the processor (Table 2). There
is an internal 20k
Ω pull-up at each pin. When all five VIDn
pins are high or floating, the chip will shut down.
OUTEN (Pin 19): Output Enable. TTL input which enables
the output voltage. The external MOSFET temperature can
be monitored with an external thermistor as shown in
Figure 11. When the OUTEN input voltage drops below
1.7V, the drivers are internally disabled to prevent the
MOSFETs from heating further. If OUTEN is less than 1.2V
for longer than 30
µs, the LTC1753 will enter shutdown
mode. The internal oscillator can be synchronized to a
faster external clock by applying the external clocking
signal to the OUTEN pin. (See Applications Information.)
G1 (Pin 20): Gate Drive for the Upper N-Channel MOSFET,
Q1. This output will swing from PVCC to GND. It will always
be low when G2 is high or the output is disabled.
PI FU CTIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com