Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1753 Datasheet(PDF) 15 Page - Linear Technology

Part # LTC1753
Description  5-Bit Programmable Synchronous Switching Regulator Controller for Pentium III Processor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1753 Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC1753_15 Datasheet HTML 11Page - Linear Technology LTC1753_15 Datasheet HTML 12Page - Linear Technology LTC1753_15 Datasheet HTML 13Page - Linear Technology LTC1753_15 Datasheet HTML 14Page - Linear Technology LTC1753_15 Datasheet HTML 15Page - Linear Technology LTC1753_15 Datasheet HTML 16Page - Linear Technology LTC1753_15 Datasheet HTML 17Page - Linear Technology LTC1753_15 Datasheet HTML 18Page - Linear Technology LTC1753_15 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
15
LTC1753
1753fa
in the RDS(ON) calculations will generally decrease MOSFET
cost and circuit efficiency while increasing MOSFET heat
sink requirements.
Inductor Selection
The inductor is often the largest component in the LTC1753
design and should be chosen carefully. Inductor value and
type should be chosen based on output slew rate require-
ments, output ripple requirements and expected peak
current. Inductor value is primarily controlled by the
required current slew rate. The maximum rate of rise of
current in the inductor is set by its value, the input-to-
output voltage differential and the maximum duty cycle of
the LTC1753. In a typical 5V input, 2.8V output applica-
tion, the maximum current slew rate will be:
DC
VV
LL
A
s
MAX
IN
OUT
−
()
=
183
.
µ
where L is the inductor value in
µH. With proper frequency
compensation, the combination of the inductor and output
capacitor will determine the transient recovery time. In
general, a smaller value inductor will improve transient
response at the expense of increased output ripple voltage
and inductor core saturation rating. A 2
µH inductor would
have a 0.9A/
µs rise time in this application, resulting in a
5.5
µsdelayinrespondingtoa5Aloadcurrentstep.During
this 5.5
µs,thedifferencebetweentheinductorcurrentand
the output current must be made up by the output capaci-
tor, causing a temporary voltage droop at the output. To
minimize this effect, the inductor value should usually be
in the 1
µH to 5µH range for most typical 5V input LTC1753
circuits. To optimize performance, different combinations
of input and output voltages and expected loads may
require different inductor values.
Once the required value is known, the inductor core type
can be chosen based on peak current and efficiency
requirements. Peak current in the inductor will be equal to
the maximum output load current plus half of the peak-to-
peak inductor ripple current. Ripple current is set by the
inductor value, the input and output voltage and the
operating frequency. The ripple current is approximately
equal to:
I
VV
V
fL
V
RIPPLE
IN
OUT
OUT
OSC
O
IN
=
−
()( )
()( )( )
fOSC = LTC1753 oscillator frequency = 300kHz
LO = Inductor value
Solving this equation with our typical 5V to 2.8V applica-
tion with a 2
µH inductor, we get:
22 056
300
2
2
..
()( )
()( )
=
kHz
H
A
µ
P-P
Peak inductor current at 11.2A load:
11 2
2
2
12 2
..
A
A
A
+=
The ripple current should generally be between 10% and
40% of the output current. The inductor must be able to
withstand this peak current without saturating, and the
copper resistance in the winding should be kept as low as
possible to minimize resistive power loss. Note that in
circuits not employing the current limit function, the
current in the inductor may rise above this maximum
under short circuit or fault conditions; the inductor should
be sized accordingly to withstand this additional current.
Inductors with gradual saturation characteristics are often
the best choice.
Input and Output Capacitors
A typical LTC1753 design puts significant demands on
both the input and the output capacitors. During constant
load operation, a buck converter like the LTC1753 draws
square waves of current from the input supply at the
switching frequency. The peak current value is equal to the
output load current plus 1/2 peak-to-peak ripple current,
and the minimum value is zero. Most of this current is
supplied by the input bypass capacitor. The resulting RMS
current flow in the input capacitor will heat it up, causing
premature capacitor failure in extreme cases. Maximum
RMS current occurs with 50% PWM duty cycle, giving an
RMS current value equal to IOUT/2. A low ESR input
capacitor with an adequate ripple current rating must be
used to ensure reliable operation.
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com